Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L072X8 Datasheet(PDF) 99 Page - STMicroelectronics

Part # STM32L072X8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072X8 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STM32L072X8 Datasheet HTML 95Page - STMicroelectronics STM32L072X8 Datasheet HTML 96Page - STMicroelectronics STM32L072X8 Datasheet HTML 97Page - STMicroelectronics STM32L072X8 Datasheet HTML 98Page - STMicroelectronics STM32L072X8 Datasheet HTML 99Page - STMicroelectronics STM32L072X8 Datasheet HTML 100Page - STMicroelectronics STM32L072X8 Datasheet HTML 101Page - STMicroelectronics STM32L072X8 Datasheet HTML 102Page - STMicroelectronics STM32L072X8 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 147 page
background image
DocID027100 Rev 3
99/147
STM32L072xx
Electrical characteristics
117
CADC(3)
Internal sample and hold
capacitor
--
-
8
pF
tCAL(3)(5)
Calibration time
fADC = 16 MHz
5.2
µs
-83
1/fADC
WLATENCY(6)
ADC_DR register write
latency
ADC clock = HSI16
1.5 ADC
cycles + 2
fPCLK cycles
-
1.5 ADC
cycles + 3
fPCLK cycles
-
ADC clock = PCLK/2
-
4.5
-
fPCLK
cycle
ADC clock = PCLK/4
-
8.5
-
fPCLK
cycle
tlatr(3)
Trigger conversion latency
fADC = fPCLK/2 = 16 MHz
0.266
µs
fADC = fPCLK/2
8.5
1/fPCLK
fADC = fPCLK/4 = 8 MHz
0.516
µs
fADC = fPCLK/4
16.5
1/fPCLK
fADC = fHSI16 = 16 MHz
0.252
-
0.260
µs
JitterADC
ADC jitter on trigger
conversion
fADC = fHSI16
-1
-
1/fHSI16
tS(3)
Sampling time
fADC = 16 MHz
0.093
-
10.03
µs
-
1.5
-
160.5
1/fADC
tUP_LDO(3)(5) Internal LDO power-up time
-
-
-
10
µs
tSTAB(3)(5)
ADC stabilization time
-
14
1/fADC
tConV(3)
Total conversion time
(including sampling time)
fADC = 16 MHz,
12-bit resolution
0.875
-
10.81
µs
12-bit resolution
14 to 173 (tS for sampling +12.5
for successive approximation)
1/fADC
1. VDDA minimum value can be decreased in specific temperature conditions. Refer to Table 65: RAIN max for fADC = 16 MHz.
2. A current consumption proportional to the APB clock frequency has to be added (see Table 40: Peripheral current
consumption in Run or Sleep mode).
3. Guaranteed by design.
4. Standard channels have an extra protection resistance which depends on supply voltage. Refer to Table 65: RAIN max for
fADC = 16 MHz.
5. This parameter only includes the ADC timing. It does not take into account register access latency.
6. This parameter specifies the latency to transfer the conversion result into the ADC_DR register. EOC bit is set to indicate the
conversion is complete and has the same latency.
Table 64. ADC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com