Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L072X8 Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32L072X8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072X8 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32L072X8 Datasheet HTML 100Page - STMicroelectronics STM32L072X8 Datasheet HTML 101Page - STMicroelectronics STM32L072X8 Datasheet HTML 102Page - STMicroelectronics STM32L072X8 Datasheet HTML 103Page - STMicroelectronics STM32L072X8 Datasheet HTML 104Page - STMicroelectronics STM32L072X8 Datasheet HTML 105Page - STMicroelectronics STM32L072X8 Datasheet HTML 106Page - STMicroelectronics STM32L072X8 Datasheet HTML 107Page - STMicroelectronics STM32L072X8 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 147 page
background image
Electrical characteristics
STM32L072xx
104/147
DocID027100 Rev 3
6.3.16
DAC electrical specifications
Data guaranteed by design, not tested in production, unless otherwise specified.
Table 67. DAC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
1.8
-
3.6
V
VREF+
Reference supply voltage
VREF+ must always be
below VDDA
1.8
-
3.6
V
VREF-
Lower reference voltage
-
VSSA
V
IDDVREF+(1)
Current consumption on VREF+
supply
VREF+ = 3.3 V
No load, middle code
(0x800)
-130
220
µA
No load, worst code
(0x000)
-220
350
IDDA (2)
Current consumption on VDDA
supply,
VDDA = 3.3 V
No load, middle code
(0x800)
-
µA
No load, worst code
(0xF1C)
-
RL(3)
Resistive load
DAC output buffer on
5-
-
k
CL(3)
Capacitive load
-
-
50
pF
RO
Output impedance
DAC output buffer off
12
16
20
k
VDAC_OUT
Voltage on DAC_OUT output
DAC output buffer ON
0.2
-
VDDA – 0.2
V
DAC output buffer OFF
0.5
-
VREF+ –
1LSB
mV
DNL(2)
Differential non linearity(4)
CL  50 pF, RL  5 k
DAC output buffer on
-1.5
3
LSB
No RLOAD, CL  50 pF
DAC output buffer off
-1.5
3
INL(2)
Integral non linearity(5)
CL  50 pF, RL  5 k
DAC output buffer on
-2
4
No RLOAD, CL  50 pF
DAC output buffer off
-2
4
Offset(2)
Offset error at code 0x800 (6)
CL  50 pF, RL  5 k
DAC output buffer on
-±10
±25
No RLOAD, CL  50 pF
DAC output buffer off
-±5
±8
Offset1(2)
Offset error at code 0x001(7)
No RLOAD, CL  50 pF
DAC output buffer off
-±1.5
±5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com