Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L072X8 Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32L072X8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072X8 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32L072X8 Datasheet HTML 110Page - STMicroelectronics STM32L072X8 Datasheet HTML 111Page - STMicroelectronics STM32L072X8 Datasheet HTML 112Page - STMicroelectronics STM32L072X8 Datasheet HTML 113Page - STMicroelectronics STM32L072X8 Datasheet HTML 114Page - STMicroelectronics STM32L072X8 Datasheet HTML 115Page - STMicroelectronics STM32L072X8 Datasheet HTML 116Page - STMicroelectronics STM32L072X8 Datasheet HTML 117Page - STMicroelectronics STM32L072X8 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 147 page
background image
Electrical characteristics
STM32L072xx
114/147
DocID027100 Rev 3
I2S characteristics
Note:
Refer to the I2S section of the product reference manual for more details about the sampling
frequency (Fs), fMCK, fCK and DCK values. These values reflect only the digital peripheral
behavior, source clock precision might slightly change them. DCK depends mainly on the
ODD bit value, digital contribution leads to a min of (I2SDIV/(2*I2SDIV+ODD) and a max of
(I2SDIV+ODD)/(2*I2SDIV+ODD). Fs max is supported for each mode/condition.
Table 78. I2S characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fMCK
I2S Main clock output
-
256 x 8K
256xFs (2)
MHz
fCK
I2S clock frequency
Master data: 32 bits
-
64xFs
MHz
Slave data: 32 bits
-
64xFs
DCK
I2S clock frequency duty
cycle
Slave receiver
30
70
%
tv(WS)
WS valid time
Master mode
-
15
ns
th(WS)
WS hold time
Master mode
11
-
tsu(WS)
WS setup time
Slave mode
6
-
th(WS)
WS hold time
Slave mode
2
-
tsu(SD_MR)
Data input setup time
Master receiver
0
-
tsu(SD_SR)
Slave receiver
6.5
-
th(SD_MR)
Data input hold time
Master receiver
18
-
th(SD_SR)
Slave receiver
15.5
-
tv(SD_ST)
Data output valid time
Slave transmitter (after enable edge)
-
77
tv(SD_MT)
Master transmitter (after enable edge)
-
8
th(SD_ST)
Data output hold time
Slave transmitter (after enable edge)
18
-
th(SD_MT)
Master transmitter (after enable edge)
1.5
-
1. Guaranteed by characterization results.
2. 256xFs maximum value is equal to the maximum clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com