Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L072V8 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32L072V8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072V8 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32L072V8 Datasheet HTML 56Page - STMicroelectronics STM32L072V8 Datasheet HTML 57Page - STMicroelectronics STM32L072V8 Datasheet HTML 58Page - STMicroelectronics STM32L072V8 Datasheet HTML 59Page - STMicroelectronics STM32L072V8 Datasheet HTML 60Page - STMicroelectronics STM32L072V8 Datasheet HTML 61Page - STMicroelectronics STM32L072V8 Datasheet HTML 62Page - STMicroelectronics STM32L072V8 Datasheet HTML 63Page - STMicroelectronics STM32L072V8 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 147 page
background image
Electrical characteristics
STM32L072xx
60/147
DocID027100 Rev 3
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 23: Voltage characteristics,
Table 24: Current characteristics, and Table 25: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and functional operation of
the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Table 23. Voltage characteristics
Symbol
Definition
Min
Max
Unit
VDD–VSS
External main supply voltage
(including VDDA, VDD_USB, VDD)(1)
1. All main power (VDD,VDD_USB, VDDA) and ground (VSS, VSSA) pins must always be connected to the
external power supply, in the permitted range.
–0.3
4.0
V
VIN(2)
2.
VIN maximum must always be respected. Refer to Table 24 for maximum allowed injected current values.
Input voltage on FT and FTf pins
VSS  0.3
VDD+4.0
Input voltage on TC pins
VSS  0.3
4.0
Input voltage on BOOT0
VSS
VDD 4.0
Input voltage on any other pin
VSS 0.3
4.0
|
VDD|
Variations between different VDDx power pins
-
50
mV
|VDDA-VDDx|
Variations between any VDDx and VDDA power
pins(3)
3. It is recommended to power VDD and VDDA from the same source. A maximum difference of 300 mV
between VDD and VDDA can be tolerated during power-up and device operation. VDD_USB is independent
from VDD and VDDA: its value does not need to respect this rule.
-
300
|
VSS|
Variations between all different ground pins
including VREF- pin
-50
VREF+ –VDDA Allowed voltage difference for VREF+ > VDDA
-0.4
V
VESD(HBM)
Electrostatic discharge voltage
(human body model)
see Section 6.3.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com