Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L072V8 Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32L072V8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072V8 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32L072V8 Datasheet HTML 96Page - STMicroelectronics STM32L072V8 Datasheet HTML 97Page - STMicroelectronics STM32L072V8 Datasheet HTML 98Page - STMicroelectronics STM32L072V8 Datasheet HTML 99Page - STMicroelectronics STM32L072V8 Datasheet HTML 100Page - STMicroelectronics STM32L072V8 Datasheet HTML 101Page - STMicroelectronics STM32L072V8 Datasheet HTML 102Page - STMicroelectronics STM32L072V8 Datasheet HTML 103Page - STMicroelectronics STM32L072V8 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 147 page
background image
Electrical characteristics
STM32L072xx
100/147
DocID027100 Rev 3
Equation 1: RAIN max formula
The simplified formula above (Equation 1) is used to determine the maximum external
impedance allowed for an error below 1/4 of LSB. Here N = 12 (from 12-bit resolution).
RAIN
TS
fADC CADC
2
N2
+

ln
-------------------------------------------------------------- R
ADC
–
Table 65. RAIN max for fADC = 16 MHz(1)
Ts
(cycles)
tS
(µs)
RAIN max for
fast channels
(k
)
RAIN max for standard channels (k)
VDD >
2.7 V
VDD >
2.4 V
VDD >
2.0 V
VDD >
1.8 V
VDD >
1.75 V
VDD > 1.65 V
and
TA > 10 °C
VDD > 1.65 V
and
TA > 25 °C
1.5
0.09
0.5
< 0.1
NA
NA
NA
NA
NA
NA
3.5
0.22
1
0.2
< 0.1
NA
NA
NA
NA
NA
7.5
0.47
2.5
1.7
1.5
< 0.1
NA
NA
NA
NA
12.5
0.78
4
3.2
3
1
NA
NA
NA
NA
19.5
1.22
6.5
5.7
5.5
3.5
NA
NA
NA
< 0.1
39.5
2.47
13
12.2
12
10
NA
NA
NA
5
79.5
4.97
27
26.2
26
24
< 0.1
NA
NA
19
160.5
10.03
50
49.2
49
47
32
< 0.1
< 0.1
42
1. Guaranteed by design.
Table 66. ADC accuracy(1)(2)(3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ET
Total unadjusted error
1.65 V < VDDA = VREF+ < 3.6 V,
range 1/2/3
-2
4
LSB
EO
Offset error
-
1
2.5
EG
Gain error
-
1
2
EL
Integral linearity error
-
1.5
2.5
ED
Differential linearity error
-
1
1.5
ENOB
Effective number of bits
10.2
11
bits
Effective number of bits (16-bit mode
oversampling with ratio =256)(4)
11.3
12.1
-
SINAD Signal-to-noise distortion
63
69
-
dB
SNR
Signal-to-noise ratio
63
69
-
Signal-to-noise ratio (16-bit mode
oversampling with ratio =256)(4)
70
76
-
THD
Total harmonic distortion
-
-85
-73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com