Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD5N60DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD5N60DM2
Description  N-channel 600 V, 1.38 (ohm) typ., 3.5 A MDmesh DM2 Power MOSFET in a DPAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD5N60DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STD5N60DM2 Datasheet HTML 1Page - STMicroelectronics STD5N60DM2 Datasheet HTML 2Page - STMicroelectronics STD5N60DM2 Datasheet HTML 3Page - STMicroelectronics STD5N60DM2 Datasheet HTML 4Page - STMicroelectronics STD5N60DM2 Datasheet HTML 5Page - STMicroelectronics STD5N60DM2 Datasheet HTML 6Page - STMicroelectronics STD5N60DM2 Datasheet HTML 7Page - STMicroelectronics STD5N60DM2 Datasheet HTML 8Page - STMicroelectronics STD5N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
July 2016
DocID029525 Rev 1
1/15
This is information on a product in full production.
www.st.com
STD5N60DM2
N-
channel 600 V, 1.38 Ω typ., 3.5 A MDmesh™ DM2
Power MOSFET in a DPAK package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STD5N60DM2
600 V
1.55 Ω
3.5 A
45 W
Fast-recovery body diode
Extremely low gate charge and input
capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high voltage N-channel Power MOSFET is
part of the MDmesh™ DM2 fast recovery diode
series. It offers very low recovery charge (Qrr)
and time (trr) combined with low RDS(on), rendering
it suitable for the most demanding high efficiency
converters and ideal for bridge topologies and
ZVS phase-shift converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STD5N60DM2
5N60DM2
DPAK
Tape and reel


Similar Part No. - STD5N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5N60M2 STMICROELECTRONICS-STD5N60M2 Datasheet
1Mb / 22P
Extremely low gate charge
16-Jun-2016
logo
Inchange Semiconductor ...
STD5N60M2 ISC-STD5N60M2 Datasheet
298Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STD5N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD8N60DM2 STMICROELECTRONICS-STD8N60DM2 Datasheet
823Kb / 15P
N-channel 600 V, 550 m(ohm) typ., 8 A MDmesh DM2 Power MOSFET in a DPAK package
24-Nov-2016
STL33N60DM2 STMICROELECTRONICS-STL33N60DM2 Datasheet
784Kb / 15P
N-channel 600 V, 0.115(ohm) typ., 21 A MDmesh DM2 Power MOSFET in a PowerFLAT 8x8 HV package
09-Mar-2016
STD11N60DM2 STMICROELECTRONICS-STD11N60DM2 Datasheet
822Kb / 15P
N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a DPAK package
17-Jun-2016
STF10N60DM2 STMICROELECTRONICS-STF10N60DM2 Datasheet
711Kb / 12P
N-channel 600 V, 0.440 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a TO-220FP package
17-Jun-2016
STF11N60DM2 STMICROELECTRONICS-STF11N60DM2 Datasheet
713Kb / 12P
N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220FP package
17-Jun-2016
STF13N60DM2 STMICROELECTRONICS-STF13N60DM2 Datasheet
719Kb / 13P
N-channel 600 V, 0.310 (ohm) typ., 11 A MDmesh DM2 Power MOSFET in a TO-220FP package
07-Dec-2016
STL13N60DM2 STMICROELECTRONICS-STL13N60DM2 Datasheet
894Kb / 15P
N-channel 600 V, 0.350 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a PowerFLAT 5x6 HV package
07-Dec-2016
STP11N60DM2 STMICROELECTRONICS-STP11N60DM2 Datasheet
716Kb / 12P
N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220 package
17-Jun-2016
STD10N60DM2 STMICROELECTRONICS-STD10N60DM2 Datasheet
813Kb / 14P
N-channel 600 V, 0.440 Ω typ., 8 A MDmesh™ DM2 Power MOSFET in a DPAK package
17-Jun-2016
STD12N60DM2AG STMICROELECTRONICS-STD12N60DM2AG Datasheet
559Kb / 15P
Automotive-grade N-channel 600 V, 380 m typ., 10 A MDmesh DM2 Power MOSFET in a DPAK package
11-Nov-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com