Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F301X6 Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM32F301X6
Description  ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301X6 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM32F301X6 Datasheet HTML 90Page - STMicroelectronics STM32F301X6 Datasheet HTML 91Page - STMicroelectronics STM32F301X6 Datasheet HTML 92Page - STMicroelectronics STM32F301X6 Datasheet HTML 93Page - STMicroelectronics STM32F301X6 Datasheet HTML 94Page - STMicroelectronics STM32F301X6 Datasheet HTML 95Page - STMicroelectronics STM32F301X6 Datasheet HTML 96Page - STMicroelectronics STM32F301X6 Datasheet HTML 97Page - STMicroelectronics STM32F301X6 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 135 page
background image
Electrical characteristics
STM32F301x6 STM32F301x8
94/135
DocID025146 Rev 6
SPI/I2S characteristics
Unless otherwise specified, the parameters given in Table 62 for SPI or in Table 63 for I2S
are derived from tests performed under ambient temperature, fPCLKx frequency and VDD
supply voltage conditions summarized in Table 23.
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI and WS, CK, SD for I2S).
Table 62. SPI characteristics(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
-
-
18
MHz
Slave mode
-
-
18
tsu(NSS)
NSS setup time
Slave mode, SPI presc = 2
4*Tpcl
k
--
ns
th(NSS)
NSS hold time
Slave mode, SPI presc = 2
2*Tpcl
k
--
tw(SCKH)
tw(SCKL)
SCK high and low
time
Master mode, fPCLK = 36
MHz, presc = 4
Tpclk-
2
Tpclk
Tpclk+
2
tsu(MI)
tsu(SI)
Data input setup time
Master mode
0
-
-
Slave mode
1
-
-
th(MI)
Data input hold time
Master mode
6.5
-
-
th(SI)
Slave mode
2.5
-
-
ta(SO)
Data output access
time
Slave mode
8
-
40
tdis(SO)
Data output disable
time
Slave mode
8
-
14
tv(SO)
Data output valid time
Slave mode
-
12
27
tv(MO)
Master mode
-
1.5
4
th(SO)
Data output hold time
Slave mode
7.5
-
-
th(MO)
Master mode
0
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com