Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F301X6 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32F301X6
Description  ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301X6 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32F301X6 Datasheet HTML 40Page - STMicroelectronics STM32F301X6 Datasheet HTML 41Page - STMicroelectronics STM32F301X6 Datasheet HTML 42Page - STMicroelectronics STM32F301X6 Datasheet HTML 43Page - STMicroelectronics STM32F301X6 Datasheet HTML 44Page - STMicroelectronics STM32F301X6 Datasheet HTML 45Page - STMicroelectronics STM32F301X6 Datasheet HTML 46Page - STMicroelectronics STM32F301X6 Datasheet HTML 47Page - STMicroelectronics STM32F301X6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 135 page
background image
PA9
-
-
I2C3
_SMBAL
TSC
_G4_IO1
I2C2
_SCL
I2S3
_MCK
TIM1_CH2
USART1
_TX
-
TIM15
_BKIN
TIM2
_CH3
--
-
-
EVENT
OUT
PA10
-
TIM17
_BKIN
TSC
_G4_IO2
I2C2
_SDA
SPI2_MIS
O/I2S2ext
_SD
TIM1_CH3
USART1
_RX
COMP6
_OUT
-
TIM2
_CH4
--
-
-
EVENT
OUT
PA11
-
-
---
SPI2_MO
SI/I2S2
_SD
TIM1
_CH1N
USART1
_CTS
--
-
TIM1
_CH4
TIM1
_BKIN2
--
EVENT
OUT
PA12
-
TIM16
_CH1
-
-
-
I2SCKIN
TIM1
_CH2N
USART1
_RTS_D
E
COMP2
_OUT
--
TIM1
_ETR
--
-
EVENT
OUT
PA13
SWDAT-
JTMS
TIM16
_CH1N
-
TSC
_G4_IO3
-IR-OUT
-
USART3
_CTS
--
--
--
-
EVENT
OUT
PA14
SWCLK-
JTCK
-
TSC
_G4_IO4
I2C1
_SDA
-
TIM1_BKIN
USART2
_TX
--
--
--
-
EVENT
OUT
PA15
JTDI
TIM2_C
H1/
TIM2_E
TR
-
TSC
_SYNC
I2C1
_SCL
-
SPI3_NSS/
I2S3_WS
USART2
_RX
-
TIM1
_BKIN
--
--
-
EVENT
OUT
Table 14. Alternate functions for Port A (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com