Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST49LF080A Datasheet(PDF) 34 Page - Microchip Technology

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Datasheet(HTML) 34 Page - Microchip Technology

Back Button SST49LF080A Datasheet HTML 30Page - Microchip Technology SST49LF080A Datasheet HTML 31Page - Microchip Technology SST49LF080A Datasheet HTML 32Page - Microchip Technology SST49LF080A Datasheet HTML 33Page - Microchip Technology SST49LF080A Datasheet HTML 34Page - Microchip Technology SST49LF080A Datasheet HTML 35Page - Microchip Technology SST49LF080A Datasheet HTML 36Page - Microchip Technology SST49LF080A Datasheet HTML 37Page - Microchip Technology SST49LF080A Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
34
8 Mbit LPC Flash
SST49LF080A
Data Sheet
Figure 17:Reset Timing Diagram (PP Mode)
Table 25: Reset Timing Parameters, VDD=3.0-3.6V (PP Mode)
Symbol
Parameter
Min
Max
Units
TPRST
VDD stable to Reset Low
1
ms
TRSTP
RST# Pulse Width
100
ns
TRSTF
RST# Low to Output Float
48
ns
TRST1
RST# High to Row Address Setup
1
µs
TRSTE
RST# Low to reset during Sector-/Block-Erase or Pro-
gram
10
µs
TRSTC
RST# Low to reset during Chip-Erase
50
µs
T25.0 25026
1. There may be additional reset latency due to TRSTE or TRSTC if a reset procedure is performed during a Program or
Erase operation.
VDD
RST#
Addresses
R/C#
DQ7-0
1235 F16.0
TPRST
TRSTP
TRSTF
TRSTE
Row Address
Sector-/Block-Erase
or Program operation
aborted
TRST
TRSTC
Chip-Erase
aborted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com