Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST49LF080A Datasheet(PDF) 9 Page - Microchip Technology

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A Datasheet(HTML) 9 Page - Microchip Technology

Back Button SST49LF080A Datasheet HTML 5Page - Microchip Technology SST49LF080A Datasheet HTML 6Page - Microchip Technology SST49LF080A Datasheet HTML 7Page - Microchip Technology SST49LF080A Datasheet HTML 8Page - Microchip Technology SST49LF080A Datasheet HTML 9Page - Microchip Technology SST49LF080A Datasheet HTML 10Page - Microchip Technology SST49LF080A Datasheet HTML 11Page - Microchip Technology SST49LF080A Datasheet HTML 12Page - Microchip Technology SST49LF080A Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
9
8 Mbit LPC Flash
SST49LF080A
Data Sheet
CE#
The CE# pin, enables and disables the SST49LF080A, controlling read and write access of the device.
To enable the SST49LF080A, the CE# pin must be driven low one clock cycle prior to LFRAME# being
driven low. The device will enter standby mode when internal Write operations are completed and CE#
is high.
LFRAME#
The LFRAME# signifies the start of a (frame) bus cycle or the termination of an undesired cycle.
Asserting LFRAME# for one or more clock cycle and driving a valid START value on LAD[3:0] will initi-
ate device operation. The device will enter standby mode when internal operations are completed and
LFRAME# is high.
TBL#, WP#
The Top Boot Lock (TBL#) and Write Protect (WP#) pins are provided for hardware write protection of
device memory. The TBL# pin is used to Write-Protect 16 boot sectors (64 KByte) at the highest mem-
ory address range for the SST49LF080A. The WP# pin write protects the remaining sectors in the
flash memory.
An active low signal at the TBL# pin prevents Program and Erase operations of the top boot sectors.
When TBL# pin is held high, the write protection of the top boot sectors is disabled. The WP# pin
serves the same function for the remaining sectors of the device memory. The TBL# and WP# pins
write protection functions operate independently of one another.
Both TBL# and WP# pins must be set to their required protection states prior to starting a Program or
Erase operation. A logic level change occurring at the TBL# or WP# pin during a Program or Erase
operation could cause unpredictable results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com