Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST39VF3201C Datasheet(PDF) 27 Page - Microchip Technology

Part # SST39VF3201C
Description  32 Mbit (x16) Multi-Purpose Flash Plus
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF3201C Datasheet(HTML) 27 Page - Microchip Technology

Back Button SST39VF3201C Datasheet HTML 23Page - Microchip Technology SST39VF3201C Datasheet HTML 24Page - Microchip Technology SST39VF3201C Datasheet HTML 25Page - Microchip Technology SST39VF3201C Datasheet HTML 26Page - Microchip Technology SST39VF3201C Datasheet HTML 27Page - Microchip Technology SST39VF3201C Datasheet HTML 28Page - Microchip Technology SST39VF3201C Datasheet HTML 29Page - Microchip Technology SST39VF3201C Datasheet HTML 30Page - Microchip Technology SST39VF3201C Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005020B
07/14
27
32 Mbit Multi-Purpose Flash Plus
SST39VF3201C / SST39VF3202C
Data Sheet
Figure 17:RST# Timing Diagram (When no internal operation is in progress)
Figure 18:RST# Timing Diagram (During Program or Erase operation)
1410 F15.0
RY/BY#
0V
RST#
CE#/OE#
TRP
TRHR
1410 F16.0
RY/BY#
CE#
OE#
TRP
TRY
TBR
RST#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com