Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST39VF3201C Datasheet(PDF) 2 Page - Microchip Technology

Part # SST39VF3201C
Description  32 Mbit (x16) Multi-Purpose Flash Plus
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF3201C Datasheet(HTML) 2 Page - Microchip Technology

  SST39VF3201C Datasheet HTML 1Page - Microchip Technology SST39VF3201C Datasheet HTML 2Page - Microchip Technology SST39VF3201C Datasheet HTML 3Page - Microchip Technology SST39VF3201C Datasheet HTML 4Page - Microchip Technology SST39VF3201C Datasheet HTML 5Page - Microchip Technology SST39VF3201C Datasheet HTML 6Page - Microchip Technology SST39VF3201C Datasheet HTML 7Page - Microchip Technology SST39VF3201C Datasheet HTML 8Page - Microchip Technology SST39VF3201C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005020B
07/14
2
32 Mbit Multi-Purpose Flash Plus
SST39VF3201C / SST39VF3202C
Data Sheet
Product Description
The SST39VF3201C and SST39VF3202C devices are 2M x16 CMOS Multi-Purpose Flash Plus
(MPF+) manufactured with proprietary, high-performance CMOS SuperFlash technology. The split-
gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability com-
pared with alternate approaches. The SST39VF3201C/3202C write (Program or Erase) with a 2.7-
3.6V power supply. These devices conform to JEDEC standard pin assignments for x16 memories.
Featuring high performance Word-Program, the SST39VF3201C/3202C devices provide a typical
Word-Program time of 7 µsec. These devices use Toggle Bit, Data# Polling, or RY/BY# pin to indicate
the completion of Program operation. To protect against inadvertent write, they have on-chip hardware
and Software Data Protection schemes. Designed, manufactured, and tested for a wide spectrum of
applications, these devices are offered with a guaranteed typical endurance of 100,000 cycles. Data
retention is rated at greater than 100 years.
The SST39VF3201C/3202C devices are suited for applications that require convenient and economical
updating of program, configuration, or data memory. For all system applications, they significantly
improve performance and reliability, while lowering power consumption. They inherently use less
energy during Erase and Program than alternative flash technologies. The total energy consumed is a
function of the applied voltage, current, and time of application. Since for any given voltage range, the
SuperFlash technology uses less current to program and has a shorter erase time, the total energy
consumed during any Erase or Program operation is less than alternative flash technologies. These
devices also improve flexibility while lowering the cost for program, data, and configuration storage
applications.
The SuperFlash technology provides fixed Erase and Program times, independent of the number of
Erase/Program cycles that have occurred. Therefore the system software or hardware does not have
to be modified or de-rated as is necessary with alternative flash technologies, whose Erase and Pro-
gram times increase with accumulated Erase/Program cycles.
To meet high-density, surface mount requirements, the SST39VF3201C/3202C devices are offered in
48-lead TSOP and 48-ball TFBGA packages. See Figure 2 and Figure 3 for pin assignments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com