Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS5SS256K36 Datasheet(PDF) 2 Page - Micross Components

Part # AS5SS256K36
Description  Internally self-timed WRITE cycle
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5SS256K36 Datasheet(HTML) 2 Page - Micross Components

  AS5SS256K36 Datasheet HTML 1Page - Micross Components AS5SS256K36 Datasheet HTML 2Page - Micross Components AS5SS256K36 Datasheet HTML 3Page - Micross Components AS5SS256K36 Datasheet HTML 4Page - Micross Components AS5SS256K36 Datasheet HTML 5Page - Micross Components AS5SS256K36 Datasheet HTML 6Page - Micross Components AS5SS256K36 Datasheet HTML 7Page - Micross Components AS5SS256K36 Datasheet HTML 8Page - Micross Components AS5SS256K36 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SSRAM
AS5SS256K36
AS5SS256K36
Rev. 4.4 10/13
Micross Components reserves the right to change products or specifications without notice.
2
GENERAL DESCRIPTION (continued)
Asynchronous inputs include the output enable (OE\),
clock (CLK) and snooze enable (ZZ). There is also a burst
mode input (MODE) that selects between interleaved and
linear burst modes. The data-out (Q), enabled by OE\, is also
asynchronous. WRITE cycles can be from one to four bytes
wide as controlled by the write control inputs.
Burst operation can be initiated with either address
status processor (ADSP\) or address status controller (ADSC\)
inputs. Subsequent burst addresses can be internally generated
as controlled by the burst advance input (ADV\).
Address and write control are registered on-chip to
simplify WRITE cycles. This allows self-timed WRITE cycles.
Individual byte enables allow individual bytes to be written.
During WRITE cycles on the x18 device, BWa\ controls DQa’s
and DQPa; BWb\ controls DQb’s and DQPb; BWc\ controls
DQc’s and DQPc; BWd\ controls DQd’s and DQPd. GW\ LOW
causes all bytes to be written. Parity bits are also featured on
this device.
This 8Mb Synchronous Burst SRAM operates from a
+3.3V V
DD
power supply, and all inputs and outputs are TTL-
compatible. The device is ideally suited for 486, Pentium©,
680x0 and PowerPCTM systems and those systems that benefit
from a wide synchronous data bus.
18
18
16
18
SA0, SA1, SAs
SA0-SA1
MODE
ADV\
CLK
SA1'
SA0'
BWd\
BWc\
DQs
DQPa
DQPb
DQPc
BWb\
DQPd
BWa\
BWE\
GW\
OE\
ADDRESS
REGISTER
BINARY
COUNTER
AND LOGIC
Q1
Q0
CL
ADSC\
ADSP\
BYTE "d"
WRITE REGISTER
BYTE "c"
WRITE REGISTER
BYTE "b"
WRITE REGISTER
BYTE "a"
WRITE REGISTER
ENABLE
REGISTER
CE\
CE2
CE2\
BYTE "d"
WRITE DRIVER
BYTE "c"
WRITE DRIVER
BYTE "b"
WRITE DRIVER
BYTE "a"
WRITE DRIVER
256K x 9 x 4
(x36)
MEMORY
ARRAY
SENSE
AMPS
OUTPUT
BUFFERS
INPUT
REGISTERS
4
FUNCTIONAL BLOCK DIAGRAM
NOTE: Functional Block Diagrams illustrate simplified device operation. See Truth Table, Pin Descriptions
and time diagrams
for detailed information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com