Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS5SS256K36 Datasheet(PDF) 3 Page - Micross Components

Part # AS5SS256K36
Description  Internally self-timed WRITE cycle
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5SS256K36 Datasheet(HTML) 3 Page - Micross Components

  AS5SS256K36 Datasheet HTML 1Page - Micross Components AS5SS256K36 Datasheet HTML 2Page - Micross Components AS5SS256K36 Datasheet HTML 3Page - Micross Components AS5SS256K36 Datasheet HTML 4Page - Micross Components AS5SS256K36 Datasheet HTML 5Page - Micross Components AS5SS256K36 Datasheet HTML 6Page - Micross Components AS5SS256K36 Datasheet HTML 7Page - Micross Components AS5SS256K36 Datasheet HTML 8Page - Micross Components AS5SS256K36 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SSRAM
AS5SS256K36
AS5SS256K36
Rev. 4.4 10/13
Micross Components reserves the right to change products or specifications without notice.
3
PIN DESCRIPTION
Pin Number
SYMBOL
TYPE
DESCRIPTION
37
36
32-35, 44-50,
81, 82, 99,
100
43
SA0
SA1
SA
Input
Synchronous Address Inputs: These inputs are registered and must meet
the setup and hold times around the rising edge of CLK. Two different
pinouts are available for the TQFP packages.
93
94
95
96
BWa\
BWb\
BWc\
BWd\
Input
Synchronous Byte Write Enables: These active LOW inputs allow
individual bytes to be written and must meet the setup and hold times
around the rising edge of CLK. A byte write enable is LOW for a WRITE
cycle and HIGH for a READ cycle. Bwa\ controls DQa pins and DQPa;
Bwb\ controls DQb pins and DQPb; Bwc\ controls DQc pins and DQPc;
Bwd\ controls DQd pins and DQPd. Parity bits are featured on this
device.
87
BWE\
Input
Byte Write Enable: This active LOW input permits BYTE WRITE
operations and must meet the setup and hold items around the rising
edge of CLK.
88
GW\
Input
Global Write: This active LOW input allows a full 36-bit WRITE to occur
independent of the BWE\ and BWx\ lines and must meet the setup and
hold times around the rising edge of CLK.
89
CLK
Input
Clock: CLK registers address, data, chip enable, byte write enables and
burst control inputs on its rising edge. All synchronous inputs must meet
setup and hold times around the clock's rising edge.
98
CE\
Input
Synchronous Chip Enable: This active LOW input is used to enable the
device and conditions the internal use of ADSP\. CE\ is sampled only
when a new external address is loaded.
92
CE2\
Input
Synchronous Chip Enable: This active LOW input is used to enable the
device and is sampled only when a new external address is loaded.
97
CE2
Input
Synchronous Chip Enable: This active HIGH input is used to enable the
device and is sampled only when a new external address is loaded.
86
OE\
Input
Output Enable: This active LOW, asynchronous input enables the data
I/O output drivers.
83
ADV\
Input
Synchronous Address Advance: This active LOW input is used to
advance the internal burst counter, controlling burst access after the
external address is loaded. A HIGH on this pin effectively causes wait
states to be generated (no address advance). To ensure use of correct
address during a WRITE cycle, ADV\ must be HIGH at the rising edge of
the first clock after an ADSP\ cycle is initiated.
85
ADSC\
Input
Synchronous Address Status Controller: This active LOW input interrupts
any ongoing burst, causing a new external address to be registered. A
READ or WRITE is performed using the new address if CE\ is LOW.
ADSC\ is also used to place the chip into power-down state when CE\ is
HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com