Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE7183SCD5 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE7183SCD5
Description  Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183SCD5 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE7183SCD5 Datasheet HTML 10Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 11Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 12Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 13Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 14Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 15Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 16Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 17Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
TLE7183F
Description and Electrical Characteristics
Data Sheet
14
2.2, 2016-01-27
Electrical Characteristics MOSFET drivers - Dynamic Characteristics
V
S = 5.5 to 20V, Tj = -40 to +150°C, FPWM < 25kHz, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.1.18
Min. internal dead time
t
DT_MIN
50
–
200
ns
DT pin to GND
(RDT=0Ω)
5.1.19
Programmable internal dead time
t
DT
0.26
0.64
1.07
2.02
0.41
1.05
1.85
3.82
0.56
1.45
2.63
5.62
µs
RDT=10 kΩ
RDT=47 kΩ
RDT=100 kΩ
RDT=1000 kΩ
5.1.20
Max. internal dead time
t
DT_MAX
2.33
–
6.35
µs
DT pin open
5.1.21
Turn on current, peak
I
G(on)
–
0.8
–
A
VGxx-VSxx=0V;
Vs=5.5..8V;
C=22nF;
RLoad=1Ω
5.1.22
Turn on current, peak
I
G(on)
–
1.5
–
A
VGxx-VSxx=0V;
Vs=8..20V
C=22nF;
RLoad=1Ω
5.1.23
Turn off current, peak
I
G(off)
–
1.5
–
A
VGxx-VSxx=10V;
Vs=8..20V
C=22nF;
RLoad=1Ω
5.1.24
Rise time (20-80%)
Tj = -40°C
Tj = 25°C
Tj = 150°C
t
G_rise
–
150
400
400
700
ns
C=22nF; RLoad=1Ω
5.1.25
Fall time (20-80%)
Tj = -40°C
Tj = 25°C
Tj = 150°C
t
G_fall
–
150
230
230
500
ns
C=22nF; RLoad=1Ω
5.1.26
Input propagation time (low on)
t
P(ILN)
90
190
290
ns
C=22nF; RLoad=1Ω
5.1.27
Input propagation time (low off)
t
P(ILF)
0
100
200
ns
C=22nF; RLoad=1Ω
5.1.28
Input propagation time (high on)
t
P(IHN)
90
190
290
ns
C=22nF; RLoad=1Ω
5.1.29
Input propagation time (high off)
t
P(IHF)
0
100
200
ns
C=22nF; RLoad=1Ω
5.1.30
Absolute input propagation time
difference (all channels turn on)
t
P(an)
–
–
70
ns
C=22nF; RLoad=1Ω
5.1.31
Absolute input propagation time
difference (all channels turn off)
t
P(af)
–
–
50
ns
C=22nF; RLoad=1Ω
5.1.32
Absolute input propagation time
difference (1channel high off - low
on)
t
P(1hfln)
–
–
150
ns
C=22nF; RLoad=1Ω
5.1.33
Absolute input propagation time
difference (1channel low off - high
on)
t
P(1lfhn)
–
–
150
ns
C=22nF; RLoad=1Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com