Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE7183SCD5 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE7183SCD5
Description  Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183SCD5 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE7183SCD5 Datasheet HTML 13Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 14Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 15Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 16Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 17Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 18Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 19Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 20Page - Infineon Technologies AG TLE7183SCD5 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
17
2.2, 2016-01-27
TLE7183F
5.2.4
Undervoltage Shut Down
The TLE7183F has an integrated undervoltage shut down, to assure that the behavior of the device is predictable
in all supply voltage ranges.
If the voltage of a charge pump buffer capacitors CBx reaches the undervoltage shut down level for a minimum
specified filter time, the gate-source voltage of all external MOSFETs will be actively pulled to low. In this situation
the short circuit detection of this output stage is deactivated to avoid a latching shut down of the driver.
As soon as the charge pump buffer voltage recovers, the output stage condition will be aligned to the input patterns
automatically. This allows to continue operation of the motor in case of undervoltage shut down without a reset by
the µC.
Undervoltage shut down will not occur when VS > 6 V, QG < 250 nC, FPWM < 25 kHz, and the charge pump
capacitors Cxx = 4.7 µF.
5.2.5
Overvoltage Shut Down
The TLE7183F has an integrated overvoltage shut down to avoid destruction of the IC at high supply voltages.
The voltage is observed at the Vs and the VDH pin. When one of them or all of them exceed the overvoltage shut
down level for more than the specified filter time then the external MOSFETs are switched off. In addition,
overvoltage will shut down the charge pumps and will discharge the charge pump capacitors. This results in an
undervoltage condition which will be indicated on the ERRx pins. During overvoltage shut down the external
MOSFETs and the charge pumps remain off until a reset is performed.
5.2.6
Overtemperature Warning
If the junction temperature is exceeding typ. 170°C an error signal is given as warning. The driver IC will continue
to operate in order not to disturb the application.
The warning is removed automatically when the junction temperature is cooling down.It is in the responsibility of
the user to protect the device against overtemperature destruction.
5.2.7
ERR Pins
The TLE7183F has two status pins to provide diagnostic feedback to the µC. The outputs of these pins are 5V
push pull stages, they are either high or low.
Table 3
Overview of error conditions
Table 4
Behaviour at different error conditions
Note: All errors do NOT lead to sleep mode. Sleep mode is only initiated with the INH pin. The latch and restart
behaviour allows to distinguish between the different error types combined at the ERR signals.
ERR1
ERR2
Driver conditions
Low
Low
no errors
High
Low
Overtemperature or overvoltage
High
High
Undervoltage
Low
High
Short circuit detection or overcurrent
Error condition
restart behavior
Shuts down...
Short circuit detection
Latch, reset must be performed at ENAx pin All external Power -MOSFETs
Overcurrent warning
Self clearing
Nothing
Undervoltage
Auto restart
All external Power -MOSFETs
Overvoltage
Latch, reset must be performed at ENAx pin All external Power -MOSFETs
Overtemperature warning Self clearing
Nothing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com