Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS29F010 Datasheet(PDF) 5 Page - Micross Components

Part # AS29F010
Description  Flexible sector architecture
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS29F010 Datasheet(HTML) 5 Page - Micross Components

  AS29F010 Datasheet HTML 1Page - Micross Components AS29F010 Datasheet HTML 2Page - Micross Components AS29F010 Datasheet HTML 3Page - Micross Components AS29F010 Datasheet HTML 4Page - Micross Components AS29F010 Datasheet HTML 5Page - Micross Components AS29F010 Datasheet HTML 6Page - Micross Components AS29F010 Datasheet HTML 7Page - Micross Components AS29F010 Datasheet HTML 8Page - Micross Components AS29F010 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
FLASH
AS29F010
Micross Components reserves the right to change products or specifications without notice.
5
AS29F010
Rev. 2.6 11/10
Standby Mode
When the system is not reading or writing to the device, it
can place the device in the standby mode. In this mode, current
consumption is greatly reduced, and the outputs are placed in
the high impedance state, independent of the OE\ input.
The device enters the CMOS standby mode when the CE\
pin is held at V
CC ± 0.5V. (Note that this is a more restricted
voltage range than V
IH.) The device enters the TTL standby
more when CE\ is held at V
IH. The device requires the standard
access time (t
CE) before it is ready to read data.
If the device is deselected during erasure or program-
ming, the device draws active current until the operation is
completed.
I
CC3 in the DC Characteristics table represents the standby
current specification.
Output Disable Mode
When the OE\ input is at V
IH, output from the device is
disabled. The output pins are placed in the high impedance
state.
Autoselect Mode
The autoselect mode provides manufacturer and device
identification, and sector protection verification, through
identifier codes output on DQ7 - DQ0. This mode is primarily
intended for programming equipment to automatically match a
device to be programmed with its corresponding programming
algorithm. However, the autoselect codes can also be accessed
in-system through the command register.
When using programming equipment, the autoselect mode
requires V
ID on address pin A9. Address pins A6, A1, and
A0 must be as shown in the Autoselect Codes (High Voltage
Method) table. In addition, when verifying sector protection,
the sector address must appear on the appropriate highest
order address bits. Refer to the corresponding Sector Address
SECTOR
A16
A15
A14
ADDRESS RANGE
SA0
0
0
0
00000h - 03FFFh
SA1
0
0
1
04000h - 07FFFh
SA2
0
1
0
08000h - 0BFFFh
SA3
0
1
1
0C000h - 0FFFFh
SA4
1
0
0
10000h - 13FFFh
SA5
1
0
1
14000h - 17FFFh
SA6
1
1
0
18000h - 1BFFFh
SA7
1
1
1
1C000h - 1FFFFh
TABLE 2: SECTOR ADDRESSES TABLE
NOTE: All sectors are 16 Kbytes in size.
Tables. The Command Definitions table shows the remaining
address bits that are don’t care. When all necessary bits have
been set as required, the programming equipment may then
read the corresponding identifier code on DQ7 - DQ0
To access the autoselect codes in-system, the host system
can issue the autoselect command via the command register, as
shown in the Command Definitions table. This method does
not require V
ID. See “Command Definitions” for details on
using the autoselect mode.
Sector Protection/Unprotection
The hardware sector protection feature disables both
program and erase operations in any sector. The hardware
sector unprotection feature re-enables both program and erase
operations in previously protected sectors.
Sector protection/unprotection must be implemented us-
ing programming equipment. The procedure requires a high
voltage (V
ID) on address pin A9 and the control pins. The
device is shipped with all sectors unprotected. It is possible
to determine whether a sector is protected or unprotected. See
“Autoselect Mode” for details.
Hardware Data Protection
The command sequence requirement of unlock cycles
for programming or erasing provides data protection against
inadvertent writes (refer to the Command Definitions table).
In addition, the following hardware data protection measures
prevent accidental erasure or programming, which might
otherwise be caused by spurious system level signals during
V
CC power-up and power-down transitions, or from system
noise.
Low V
CC
Write Inhibit
When V
CC is less than VLKO, the device does not accept
any write cycles. This protects data during V
CC power-up and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com