Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST39VF401C Datasheet(PDF) 37 Page - Microchip Technology

Part # SST39VF401C
Description  4 Mbit (x16) Multi-Purpose Flash Plus
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF401C Datasheet(HTML) 37 Page - Microchip Technology

Back Button SST39VF401C Datasheet HTML 30Page - Microchip Technology SST39VF401C Datasheet HTML 31Page - Microchip Technology SST39VF401C Datasheet HTML 32Page - Microchip Technology SST39VF401C Datasheet HTML 33Page - Microchip Technology SST39VF401C Datasheet HTML 34Page - Microchip Technology SST39VF401C Datasheet HTML 35Page - Microchip Technology SST39VF401C Datasheet HTML 36Page - Microchip Technology SST39VF401C Datasheet HTML 37Page - Microchip Technology SST39VF401C Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005053B
04/14
37
4 Mbit (x16) Multi-Purpose Flash Plus
SST39VF401C / SST39VF402C / SST39LF401C / SST39LF402C
Data Sheet
Figure 29:48-ball Very, Very Thin-profile, Fine-pitch Ball Grid Array (WFBGA) 4mm x 6mm
Package Code: MAQ
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-14039A Sheet 1 of 1
48-Lead Very, Very Thin Find-Pitch Ball Grid Array (MAQE/F) - 4x6 mm Body [WFBGA]
48-wfbga-MAQ-4x6-32mic-2.0
Note:
1.
Complies with JEDEC Publication 95, MO-207, Variant CB-4 except nominal ball size is larger
and bottom side A1 indicator is triangle at corner.
2.
All linear dimensions are in millimeters.
3.
Coplanarity: 0.08 mm
4.
Ball opening size is 0.29 mm (± 0.05 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com