Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST39VF401C Datasheet(PDF) 17 Page - Microchip Technology

Part # SST39VF401C
Description  4 Mbit (x16) Multi-Purpose Flash Plus
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF401C Datasheet(HTML) 17 Page - Microchip Technology

Back Button SST39VF401C Datasheet HTML 13Page - Microchip Technology SST39VF401C Datasheet HTML 14Page - Microchip Technology SST39VF401C Datasheet HTML 15Page - Microchip Technology SST39VF401C Datasheet HTML 16Page - Microchip Technology SST39VF401C Datasheet HTML 17Page - Microchip Technology SST39VF401C Datasheet HTML 18Page - Microchip Technology SST39VF401C Datasheet HTML 19Page - Microchip Technology SST39VF401C Datasheet HTML 20Page - Microchip Technology SST39VF401C Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005053B
04/14
17
4 Mbit (x16) Multi-Purpose Flash Plus
SST39VF401C / SST39VF402C / SST39LF401C / SST39LF402C
Data Sheet
Power Up Specifications
All functionalities and DC specifications are specified for a VDD ramp rate of greater than 1V per 100
ms (0V to 3V in less than 300 ms). If the VDD ramp rate is slower than 1V per 100 ms, a hardware
reset is required. The recommended VDD power-up to RESET# high time should be greater than 100
µs to ensure a proper reset.
Figure 5: Power-Up Diagram
Table 13: DC Operating Characteristics VDD = 3.0-3.6V for SST39LF401C/402C and 2.7-
3.6V for SST39VF401C/402C1
1. Typical conditions for the Active Current shown on the front page of the data sheet are average values at 25°C
(room temperature), and VDD = 3V. Not 100% tested.
Symbol
Parameter
Limits
Test Conditions
Min
Max
Units
IDD
Power Supply Current
Address input=VILT/VIHT2, at f=5 MHz,
VDD=VDD Max
2. See Figure 20
Read3
3. The IDD current listed is typically less than 2mA/MHz, with OE# at VIH. Typical VDD is 3V.
18
mA
CE#=VIL, OE#=WE#=VIH, all I/Os open
Program and Erase
30
mA
CE#=WE#=VIL, OE#=VIH
ISB
Standby VDD Current
20
µA
CE#=VIHC,VDD=VDD Max
RST#=VDD±0.3, WP#=VDD±0.3,
WE#=VDD±0.3
IALP
Auto Low Power
20
µA
CE#=VILC,VDD=VDD Max
All inputs=VSS or VDD, WE#=VIHC
ILI
Input Leakage Current
1
µA
VIN=GND to VDD,VDD=VDD Max
ILIW
Input Leakage Current
on WP# pin and RST#
10
µA
WP#=GND to VDD or RST#=GND to VDD
ILO
Output Leakage Current
10
µA
VOUT=GND to VDD,VDD=VDD Max
VIL
Input Low Voltage
0.8
V
VDD=VDD Min
VILC
Input Low Voltage (CMOS)
0.3
V
VDD=VDD Max
VIH
Input High Voltage
0.7VDD
VDD+0.3
V
VDD=VDD Max
VIHC
Input High Voltage (CMOS)
VDD-0.3
VDD+0.3
V
VDD=VDD Max
VOL
Output Low Voltage
0.2
V
IOL=100 µA, VDD=VDD Min
VOH
Output High Voltage
VDD-0.2
V
IOH=-100 µA, VDD=VDD Min
T13.8 25053
25053 F24.0
VDD
RESET#
CE#
TPU-READ 100 µs
VDD min
0V
VIH
TRHR 5 0ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com