Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB2244II-AEZG Datasheet(PDF) 24 Page - Microchip Technology

Part # USB2244II-AEZG
Description  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2244II-AEZG Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB2244II-AEZG Datasheet HTML 20Page - Microchip Technology USB2244II-AEZG Datasheet HTML 21Page - Microchip Technology USB2244II-AEZG Datasheet HTML 22Page - Microchip Technology USB2244II-AEZG Datasheet HTML 23Page - Microchip Technology USB2244II-AEZG Datasheet HTML 24Page - Microchip Technology USB2244II-AEZG Datasheet HTML 25Page - Microchip Technology USB2244II-AEZG Datasheet HTML 26Page - Microchip Technology USB2244II-AEZG Datasheet HTML 27Page - Microchip Technology USB2244II-AEZG Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
USB224X
DS00001979A-page 24
 2010 - 2015 Microchip Technology Inc.
7.2.4.1
A0h-A1h: Memory Stick Device Power Configuration
7.2.4.2
A2h-A3h: Not Applicable
7.2.4.3
A4h-A5h: xD-Picture Card Device Power Configuration
When applicable, the "SM" value will be overridden with “xD” once an xD-Picture Card has been identified.
7.2.4.4
A6h-A7h: Secure Digital Device Power Configuration
7.2.4.5
A8h: LED Blink Interval
FET
Type
Bits
Bit Type
Description
0
FET Lo Byte
MS_PWR_LB
3:0
Low Nibble
0000b Disabled
1
7:4
High Nibble
2
FET Hi Byte
MS_PWR_HB
3:0
Low Nibble
0000b Disabled
0001b External FET enabled
1000b Internal FET with 100 mA power limit
1010b Internal FET with 200 mA power limit
3
7:4
High Nibble
0000b Disabled
Byte
Name
Description
1:0
Not Applicable
Not applicable.
FET
Type
Bits
Bit Type
Description
0
FET Lo Byte
xD_PWR_LB
3:0
Low Nibble
0000b Disabled
1
7:4
High Nibble
2
FET Hi Byte
xD_PWR_HB
3:0
Low Nibble
0000b Disabled
0001b External FET enabled
1000b Internal FET with 100 mA power limit
1010b Internal FET with 200 mA power limit
3
7:4
High Nibble
0000b Disabled
FET
Type
Bits
Bit Type
Description
0
FET Lo Byte
SD_PWR_LB
3:0
Low Nibble
0000b Disabled
1
7:4
High Nibble
2
FET Hi Byte
SD_PWR_HB
3:0
Low Nibble
0000b Disabled
0001b External FET enabled
1000b Internal FET with 100 mA power limit
1010b Internal FET with 200 mA power limit
3
7:4
High Nibble
0000b Disabled
Byte
Name
Description
0
LED_BLK_INT
The blink rate is programmable in 50 ms intervals. The high bit (7) indicates
an idle state:
‘0’ - Off
‘1’ - On
The remaining bits (6:0) are used to determine the blink interval up to a max
of 128 x 50 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com