Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB2244II-AEZG Datasheet(PDF) 15 Page - Microchip Technology

Part # USB2244II-AEZG
Description  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2244II-AEZG Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB2244II-AEZG Datasheet HTML 11Page - Microchip Technology USB2244II-AEZG Datasheet HTML 12Page - Microchip Technology USB2244II-AEZG Datasheet HTML 13Page - Microchip Technology USB2244II-AEZG Datasheet HTML 14Page - Microchip Technology USB2244II-AEZG Datasheet HTML 15Page - Microchip Technology USB2244II-AEZG Datasheet HTML 16Page - Microchip Technology USB2244II-AEZG Datasheet HTML 17Page - Microchip Technology USB2244II-AEZG Datasheet HTML 18Page - Microchip Technology USB2244II-AEZG Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001979A-page 15
USB224X
MS_BS
9
O12
MS Bus State
This pin is connected to the bus state (BS) pin of the MS
device. It is used to control the bus states 0, 1, 2 and 3
(BS0, BS1, BS2 and BS3) of the MS device.
MS_SCLK
30
O12
MS System CLK
This pin is an output clock signal to the MS device.
The clock frequency is software configurable.
MS_INS
24
IPU
MS Card Insertion
This is designated by the default firmware as the Memory
Stick card detection pin.
Note: This pin can be left unconnected if the socket is
not used.
SECURE DIGITAL (SD) / MULTIMEDIACARD (MMC) INTERFACE
SD_D[7:0]
7
8
10
20
23
25
4
5
7
8
10
20
23
25
4
5
I/O12PU
SD Data
The pins are bi-directional data signals SD_D0 - SD_D7
and have weak pull-up resistors.
SD_CLK
9
9
O12
SD Clock
This is an output clock signal to SD/MMC device.
The clock frequency is software configurable.
SD_CMD
11
11
I/O12PU
SD Command
This is a bi-directional signal that connects to the CMD
signal of the SD/MMC device and has a weak internal
pull-up resistor.
SD_WP
SD Write Protect Detection
SD_nCD
SD Card Detect
USB INTERFACE
USB+
USB-
2
3
I/O-U
USB Bus Data
These pins connect to the USB bus data signals.
RBIAS
35
I-R
USB Transceiver Bias
A 12.0 k
Ω, ± 1.0% resistor is attached from VSS to this
pin in order to set the transceiver's internal bias currents.
XTAL1 (CLKIN)
33
ICLKx
24 MHz Crystal (External clock input)
This pin can be connected to one terminal of the crystal
or can be connected to an external 24 MHz clock when a
crystal is not used.
XTAL2
32
OCLKx
24 MHz Crystal
This is the other terminal of the crystal, or it is left open
when an external clock source is used to drive
XTAL1(CLKIN).
VDDA33
36
3.3 V Analog Power
TABLE 6-1:
USB224X 36-PIN QFN PIN DESCRIPTIONS (CONTINUED)
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com