Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LEAP3W-TXUX-1 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LEAP3W-TXUX-1
Description  OSTAR High Power Projection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAP3W-TXUX-1 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LEAP3W-TXUX-1 Datasheet HTML 8Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 9Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 10Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 11Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 12Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 13Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 14Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 15Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
2016-01-27
12
Version 1.5
LE A P3W
Dominant Wavelength 7) page 23
Dominante Wellenlänge 7) Seite 23
Δλdom = λdom - λdom (25 °C) = f(Tj); IF = 6000 mA;
per Chip
-6
dom
∆λ
OHL04072
nm
-4
-2
0
2
4
8
-40 -20
0
˚C
j
60
40
20
80
T
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com