Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LEAP3W-TXUX-1 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LEAP3W-TXUX-1
Description  OSTAR High Power Projection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAP3W-TXUX-1 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LEAP3W-TXUX-1 Datasheet HTML 10Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 11Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 12Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 13Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 14Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 15Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 16Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 17Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
2016-01-27
14
Version 1.5
LE A P3W
Package Outline 8) page 23
Maßzeichnung 8) Seite 23
Approximate Weight:
37.0 g
Gewicht:
37.0 g
Connector
Housing: Molex 12ckt Micro Fit 3.0 Harness
Connector, right angle DR; P/N 43045-1210 (see
also www.molex.de) Pin: Molex Micro Fit 3.0,
Crimp Terminal, Male, Au plated; P/N 43031-0003
(see also www.molex.de)
Stecker
Gehäuse: Molex 12ckt Micro Fit 3.0 Harness
Connector, right angle DR; P/N 43045-1210 (see
also www.molex.de) Stecker: Molex Micro Fit
3.0, Crimp Terminal, Male, Au plated; P/N
43031-0003 (see also www.molex.de)
Recommended mating connector
Housing: Molex 12ckt Micro Fit 3.0, receptacle
housing, DR; P/N 43045-1200 (see also
www.molex.de) Pin: Molex Micro Fit 3.0, Crimp
Terminal, Female, Au plated; P/N 43030-0003
(see also www.molex.de)
Empfohlener Gegenstecker
Gehäuse: Molex 12ckt Micro Fit 3.0, receptacle
housing, DR; P/N 43045-1200 (see also
www.molex.de) Stecker: Molex Micro Fit 3.0,
Crimp Terminal, Female, Au plated; P/N
43030-0003 (see also www.molex.de)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com