Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB5532B Datasheet(PDF) 35 Page - Microchip Technology

Part # USB5532B
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B Datasheet(HTML) 35 Page - Microchip Technology

Back Button USB5532B_15 Datasheet HTML 31Page - Microchip Technology USB5532B_15 Datasheet HTML 32Page - Microchip Technology USB5532B_15 Datasheet HTML 33Page - Microchip Technology USB5532B_15 Datasheet HTML 34Page - Microchip Technology USB5532B_15 Datasheet HTML 35Page - Microchip Technology USB5532B_15 Datasheet HTML 36Page - Microchip Technology USB5532B_15 Datasheet HTML 37Page - Microchip Technology USB5532B_15 Datasheet HTML 38Page - Microchip Technology USB5532B_15 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
USB5532B
DS00001679C-page 35
 2012 - 2015 Microchip Technology Inc.
5.5.4.10
UCS Byte Read (84h)
The first data byte (Data1) contains the address of the UCS register to read. The second data byte (Data2) will contain
the data after the command is executed.
5.5.4.11
UCS Byte Write (85h)
The first data byte (Data1) contains the address of the UCS register to write to. The second data byte (Data2) contains
the data to be written.
5.5.4.12
UCS Block Read (86h)
The first data byte (Data1) contains the address of the UCS register to read. The second data byte (Data2) contains the
number of bytes to read. The subsequent data bytes will be populated with the contents of the Data2 registers starting
at Data1.
5.5.4.13
UCS Block Write (87h)
The first data byte (Data1) contains the address of the UCS register to write to. The second data byte (Data2) contains
the number of bytes to write. The subsequent data bytes contain the data to write.
5.6
Runtime Register Definitions
Below is the list of configuration registers and their address. The INIT column contains the values that will be loaded
when the USB Attach commands are sent. Register definitions are provided in the subsequent sub-sections. For infor-
mation on accessing these registers, refer to Section 5.6.1, "Accessing Runtime Registers," on page 36.
TABLE 5-12:
CONFIGURATION REGISTER MEMORY MAP
ADDR
R/W
Name
Function
INIT
0806h
R/W
LED0_PIO0_CTL1
LED0/PIO0 Register 1
00h
0807h
R/W
LED0_PIO0_CTL2
LED0/PIO0 Register 2
00h
0808h
R/W
LED1_PIO1_CTL1
LED1/PIO1 Register 1
00h
0809h
R/W
LED1_PIO1_CTL2
LED1/PIO1 Register 2
00h
082Dh
R/W
VBUS_OCS_PD
VBUS and OCS Pull-Down Register
00h
082Fh
R/W
LED0_PD
LED0 Pull-down Register
00h
0831h
R/W
VBUS_OCS_DIR
VBUS and OCS Direction Register
00h
0833h
R/W
LED0_DIR
LED0 Direction Register
00h
0835h
R/W
VBUS_OCS_OUT
VBUS and OCS Output Register
00h
0837h
R/W
LED0_OUT
LED0 Output Register
00h
0839h
R/W
VBUS_OCS_IN
VBUS and OCS Input Register
Note 5-1
083Bh
R/W
LED0_IN
LED0 Input Register
Note 5-1
083Dh
R/W
VBUS_OCS_PU
VBUS and OCS Pull-up Resistor Register
FEh
083Fh
R/W
LED0_PU
LED0 Pull-up Resistor Register
00h
092Eh
R/W
PRT_PWR_PD
Port Power Pull-down Resistor Register
00h
0932h
R/W
PRT_PWR_DIR
Port Power Direction Register
00h
0936h
R/W
PRT_PWR_OUT
Port Power Output Register
00h
093Ah
R/W
PRT_PWR_IN
Port Power Input Register
Note 5-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com