Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB5532B Datasheet(PDF) 51 Page - Microchip Technology

Part # USB5532B
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B Datasheet(HTML) 51 Page - Microchip Technology

Back Button USB5532B_15 Datasheet HTML 47Page - Microchip Technology USB5532B_15 Datasheet HTML 48Page - Microchip Technology USB5532B_15 Datasheet HTML 49Page - Microchip Technology USB5532B_15 Datasheet HTML 50Page - Microchip Technology USB5532B_15 Datasheet HTML 51Page - Microchip Technology USB5532B_15 Datasheet HTML 52Page - Microchip Technology USB5532B_15 Datasheet HTML 53Page - Microchip Technology USB5532B_15 Datasheet HTML 54Page - Microchip Technology USB5532B_15 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
USB5532B
DS00001679C-page 51
 2012 - 2015 Microchip Technology Inc.
5.6.35
USB PORT 2 VARISENSE REGISTER
5.6.36
USB3 PORT 2 LINK STATE
TABLE 5-52:
USB PORT 2 VARISENSE REGISTER
PHY_P2_SENSE
(0X68CC)
USB Port 2 Varisense Register
Bit
Name
R/W
Description
7:3
Reserved
R
Reserved
2:0
HS_SQ_TUNE[2:0]
R/W
Squelch Tune
3’b000: Nominal 100mV Trip Point
3’b001: Decrease by 12.5mV
3’b010: Decrease by 25mV
3’b011: Decrease by 37.5mV
3’b100: Decrease by 50mV
3’b101: Decrease by 62.5mV
3’b110: Increase by 25mV
3’b111: Increase by 12.5mV
TABLE 5-53:
USB3 PORT 2 LINK STATE
SS_P2_STATE
(0X69C0)
USB3 Port 2 Link State
Bit
Name
R/W
Description
7:4
LINK_STATE
R
Refer to Table 5-54, "USB 3.0 Link States" for more details.
3
Reserved
R
Reserved
2:0
LINK_SUB_STATE
R
Refer to Table 5-54, "USB 3.0 Link States" for more details.
TABLE 5-54:
USB 3.0 LINK STATES
NUM
Link State
00h
U0
01h
U1
02h
U2
03h
U3
04h
SIS.Disabled
05h
RX.Detect
06h
SS.Inactive
07h
Polling
08h
Recovery
09h
Hot Reset
0Ah
Compliance
0Bh
Loopback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com