Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3250-ABZJ Datasheet(PDF) 32 Page - Microchip Technology

Part # USB3250-ABZJ
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250-ABZJ Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB3250-ABZJ Datasheet HTML 28Page - Microchip Technology USB3250-ABZJ Datasheet HTML 29Page - Microchip Technology USB3250-ABZJ Datasheet HTML 30Page - Microchip Technology USB3250-ABZJ Datasheet HTML 31Page - Microchip Technology USB3250-ABZJ Datasheet HTML 32Page - Microchip Technology USB3250-ABZJ Datasheet HTML 33Page - Microchip Technology USB3250-ABZJ Datasheet HTML 34Page - Microchip Technology USB3250-ABZJ Datasheet HTML 35Page - Microchip Technology USB3250-ABZJ Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
USB3250
DS00002142A-page 32
2013 - 2016 Microchip Technology Inc.
Note 8-1
T0 may occur to 4ms after HS Reset T0.
Note 8-2
The SIE must assert the Chirp K for 66000 CLK60 cycles to ensure a 1ms minimum duration.
8.9
HS Detection Handshake - HS Downstream Facing Port
Upon entering the HS Detection process (T0) XCVRSELECT and TERMSELECT are in FS mode. The DP pull-up is
asserted and the HS terminations are disabled. The SIE then sets OPMODE to Disable Bit Stuffing and NRZI encoding,
XCVRSELECT to HS mode, and begins the transmission of all 0's data, which asserts a HS K (chirp) on the bus (T1).
The device chirp must last at least 1.0ms, and must end no later than 7.0ms after HS Reset T0. At time T1 the device
begins listening for a chirp sequence from the downstream facing port. If the downstream facing port is HS capable then
it will begin generating an alternating sequence of Chirp K's and Chirp J's (T3) after the termination of the chirp from the
device (T2). After the device sees the valid chirp sequence Chirp K-J-K-J-K-J (T6), it will enter HS mode by setting
TERMSELECT to HS mode (T7).
Figure 8-4 provides a state diagram for Chirp K-J-K-J-K-J validation. Prior to the end of reset (T9) the device port must
terminate the sequence of Chirp K's and Chirp J's (T8) and assert SE0 (T8-T9). Note that the sequence of Chirp K's and
Chirp J's constitutes bus activity.
TABLE 8-6:
HS DETECTION HANDSHAKE TIMING VALUES (FS MODE)
Timing Parameter
Description
Value
T0
HS Handshake begins. DP pull-up enabled, HS
terminations disabled. The XCVRSELECT and
OPMODE inputs are then set for HS with bitstuffing
disabled, and TXVALID is asserted at least 5 60MHz
clocks later.
0 (reference)
T1
Device enables HS Transceiver and asserts Chirp K on
the bus.
T0 < T1 < HS Reset T0 + 6.0ms
T2
Device removes Chirp K from the bus. 1ms minimum
width.
T1 + 1.0 ms < T2 < HS Reset T0 +
7.0ms
T3
Earliest time when downstream facing port may assert
Chirp KJ sequence on the bus.
T2 < T3 < T2+100µs
T4
Chirp not detected by the device. Device reverts to FS
default state and waits for end of reset.
T2 + 1.0ms < T4 < T2 + 2.5ms
T5
Earliest time at which host port may end reset
HS Reset T0 + 10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com