Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3250-ABZJ Datasheet(PDF) 19 Page - Microchip Technology

Part # USB3250-ABZJ
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250-ABZJ Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB3250-ABZJ Datasheet HTML 15Page - Microchip Technology USB3250-ABZJ Datasheet HTML 16Page - Microchip Technology USB3250-ABZJ Datasheet HTML 17Page - Microchip Technology USB3250-ABZJ Datasheet HTML 18Page - Microchip Technology USB3250-ABZJ Datasheet HTML 19Page - Microchip Technology USB3250-ABZJ Datasheet HTML 20Page - Microchip Technology USB3250-ABZJ Datasheet HTML 21Page - Microchip Technology USB3250-ABZJ Datasheet HTML 22Page - Microchip Technology USB3250-ABZJ Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
2013 - 2016 Microchip Technology Inc.
DS00002142A-page 19
USB3250
7.0
FUNCTIONAL OVERVIEW
FIGURE 2-1: Block Diagram on page 5 shows the functional block diagram of the USB3250. Each of the functions is
described in detail below.
7.1
Modes of Operation
The USB3250 supports two modes of operation. See Figure 7-1 for a block diagram of the digital interface.
• 8-bit unidirectional mode. Selected when DATABUS16_8 = 0. CLKOUT runs at 60MHz. The 8-bit transmit data
bus uses the lower 8 bits of the DATA bus (ie, TXDATA[7:0] = DATA[7:0]). The 8-bit receive data bus uses the
upper 8 bits of the DATA bus (ie, RXDATA[7:0] = DATA[15:8]).
• 16-bit bidirectional mode. Selected when DATABUS16_8 = 1. CLKOUT runs at 30MHz. An additional signal
(VALIDH) is used to identify whether the high byte of the respective 16-bit data word is valid. The full 16-bit DATA
bus is used for transmit and receive operations. If TXVALID is asserted, then the DATA[15:0] bus accepts trans-
mit data from the SIE. If TXVALID is deasserted, then the DATA[15:0] bus presents received data to the SIE.
VALIDH is undefined when DATABUS16_8 = 0 (8-bit mode).
FIGURE 7-1:
BIDIRECTIONAL 16-BIT INTERFACE
DATAOUT[7:0
]
TXVALI
D
DATA[7:0]
DATAOUT[1
5
:8]
DATA[15:8]
RXVALID
H
VALID
H
DATAIN[7:0]
DATAIN[15:8]
DATAOUT[7:0
]
MU
X
SELB
A
B
TXVALID
H
DATABUS16_
8
1=1
6
-bit mode, 0=8-bit mode
TXVALID
Transceiver
Core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com