Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP79401-I/MS Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP79401-I/MS
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79401-I/MS Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP79401-I/MS Datasheet HTML 54Page - Microchip Technology MCP79401-I/MS Datasheet HTML 55Page - Microchip Technology MCP79401-I/MS Datasheet HTML 56Page - Microchip Technology MCP79401-I/MS Datasheet HTML 57Page - Microchip Technology MCP79401-I/MS Datasheet HTML 58Page - Microchip Technology MCP79401-I/MS Datasheet HTML 59Page - Microchip Technology MCP79401-I/MS Datasheet HTML 60Page - Microchip Technology MCP79401-I/MS Datasheet HTML 61Page - Microchip Technology MCP79401-I/MS Datasheet HTML 62Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
 2011-2016 Microchip Technology Inc.
DS20005009F-page 59
MCP79400/MCP79401/MCP79402
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Not every possible ordering
combination is listed below.
Device:
MCP79400 =
1.8V - 5.5V I2C™ Serial RTCC
MCP79401 =
1.8V - 5.5V I2C Serial RTCC, EUI-48TM
MCP79402 =
1.8V - 5.5V I2C Serial RTCC, EUI-64TM
Tape and
Reel Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
I
= -40°C to +85°C
Package:
SN
= 8-Lead Plastic Small Outline (3.90 mm body)
ST
= 8-Lead Plastic Thin Shrink Small Outline
(4.4 mm)
MS
= 8-Lead Plastic Micro Small Outline
MNY(2) = 8-Lead Plastic Dual Flat, No Lead
Examples:
a)
MCP79400-I/SN:
Industrial
Tempera-
ture, SOIC package.
b)
MCP79400T-I/SN: Tape and Reel,
Industrial Temperature, SOIC package.
c)
MCP79400T-I/MNY:Tape and Reel
Industrial Temperature, TDFN package.
d)
MCP79401-I/SN:
EUI-48TM, Industrial
Temperature, SOIC package.
e)
MCP79401-I/MS:
EUI-48TM, Industrial
Temperature MSOP package.
f)
MCP79402-I/SN:
EUI-64TM, Industrial
Temperature, SOIC package.
g)
MCP79402-I/ST:
EUI-64TM, Industrial
Temperature, TSSOP package.
h)
MCP79402T-I/ST:
EUI-64TM, Tape and
Reel, Industrial Temperature, TSSOP
package.
PART NO.
X
/XX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Option
Note
1:
Tape and Reel identifier only
appears in the catalog part number
description. This identifier is used
for ordering purposes and is not
printed on the device package.
Check with your Microchip Sales
Office for package availability with
the Tape and Reel option.
2:
"Y" indicates a Nickel Palladium
Gold (NiPdAu) finish.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com