Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP79401-I/MS Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP79401-I/MS
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79401-I/MS Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP79401-I/MS Datasheet HTML 7Page - Microchip Technology MCP79401-I/MS Datasheet HTML 8Page - Microchip Technology MCP79401-I/MS Datasheet HTML 9Page - Microchip Technology MCP79401-I/MS Datasheet HTML 10Page - Microchip Technology MCP79401-I/MS Datasheet HTML 11Page - Microchip Technology MCP79401-I/MS Datasheet HTML 12Page - Microchip Technology MCP79401-I/MS Datasheet HTML 13Page - Microchip Technology MCP79401-I/MS Datasheet HTML 14Page - Microchip Technology MCP79401-I/MS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
 2011-2016 Microchip Technology Inc.
DS20005009F-page 11
MCP79400/MCP79401/MCP79402
5.0
FUNCTIONAL DESCRIPTION
The MCP7940X is a highly-integrated Real-Time
Clock/Calendar (RTCC). Using an on-board, low-power
oscillator, the current time is maintained in seconds,
minutes, hours, day of week, date, month, and year. The
MCP7940X also features 64 bytes of general purpose
SRAM and eight bytes of protected EEPROM. Two
alarm modules allow interrupts to be generated at
specific times with flexible comparison options. Digital
trimming can be used to compensate for inaccuracies
inherent with crystals. Using the backup supply input
and an integrated power switch, the MCP7940X will
automatically switch to backup power when primary
power is unavailable, allowing the current time and the
SRAM contents to be maintained. The time-stamp
module captures the time when primary power is lost
and when it is restored.
The RTCC configuration and status registers are used to
access all of the modules featured on the MCP7940X.
5.1
Memory Organization
The MCP7940X features three different blocks of
memory: the RTCC registers, general purpose SRAM,
and protected EEPROM. The RTCC registers and
SRAM share the same address space, accessed
through the ‘1101111X’ control byte. The protected
EEPROM is in a separate address space and is
accessed
using
the
‘1010111X’
control
byte
(Figure 5-1). Unused locations are not accessible. The
MCP7940X will not acknowledge if the address is out of
range, as shown in the shaded region of the memory
map in Figure 5-1.
The RTCC registers are contained in addresses
0x00-0x1F. Table 5-1 shows the detailed RTCC register
map. There are 64 bytes of user-accessible SRAM,
located in the address range 0x20-0x5F. The SRAM is a
separate block from the RTCC registers. All RTCC
registers and SRAM locations are maintained while
operating from backup power.
The protected EEPROM section is located in addresses
0xF0-0xF7.
FIGURE 5-1:
MEMORY MAP
Time and Date
SRAM (64 Bytes)
Power-Fail Time-Stamp
Alarm 1
Alarm 0
Configuration and Trimming
0x00
0x06
0x07
0x09
0x0A
0x10
0x11
0x17
0x18
0x1F
0x20
0x5F
0x60
0xFF
Unimplemented; device does not ACK
I2C Address: 1101111x
RTCC Registers/SRAM
Protected EEPROM (8 Bytes)
0x00
0xEF
0xF0
0xF7
0xF8
0xFF
Unimplemented; device does not ACK
I2C Address: 1010111x
EEPROM
EUI-48/EUI-64 Node Address
Unimplemented; device does not ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com