Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS1002-2 Datasheet(PDF) 40 Page - SMSC Corporation

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

UCS1002-2 Datasheet(HTML) 40 Page - SMSC Corporation

Back Button UCS1002-2 Datasheet HTML 36Page - SMSC Corporation UCS1002-2 Datasheet HTML 37Page - SMSC Corporation UCS1002-2 Datasheet HTML 38Page - SMSC Corporation UCS1002-2 Datasheet HTML 39Page - SMSC Corporation UCS1002-2 Datasheet HTML 40Page - SMSC Corporation UCS1002-2 Datasheet HTML 41Page - SMSC Corporation UCS1002-2 Datasheet HTML 42Page - SMSC Corporation UCS1002-2 Datasheet HTML 43Page - SMSC Corporation UCS1002-2 Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
40
SMSC UCS1002
DATASHEET
5.1.2
Sleep State Operation
When the UCS1002 is in the Sleep state, the device will be in its lowest power state. The high-speed
switch, bypass switch, and the port power switch will be disabled. The Attach and Removal Detection
feature will be disabled. VBUS will be near ground potential. The ALERT# pin will not be asserted. If
asserted prior to entering the Sleep state, the ALERT# pin will be released. The A_DET# pin will be
released.SMBus activity is limited to single byte read or write.
The first data byte read from the UCS1002 when it is in the Sleep state will wake it; however, the data
to be read will return all 0’s and should be considered invalid. This is a “dummy” read byte meant to
wake the UCS1002. Subsequent read or write bytes will be accepted normally. After the dummy read,
the UCS1002 will be in a higher power state (see Figure 5.6). After communication has not occurred
for tIDLE_SLEEP, the UCS will return to Sleep.
Figure 5.5 shows timing diagrams for waking the UCS1002 via external pins. Figure 5.6 shows the
timing for waking the UCS1002 via SMBus.
Figure 5.5 Wake Timing via External Pins
M1 or M2
Port power switch closed
(Active state)
tPIN_WAKE
Wake with M1 or M2 to Active State Data Pass-through Mode
(PWR_EN enabled, S0 = ‘0’, EM_EN = ‘0’, VS > VS_UVLO)
S0
Bypass switch closed
(Detect state)
tPIN_WAKE
Wake with S0
(VS > VS_UVLO, M1 & M2 & EM_EN not all ‘0’ and not set to Data Pass-through)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com