Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS1002-2 Datasheet(PDF) 9 Page - SMSC Corporation

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

UCS1002-2 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button UCS1002-2 Datasheet HTML 5Page - SMSC Corporation UCS1002-2 Datasheet HTML 6Page - SMSC Corporation UCS1002-2 Datasheet HTML 7Page - SMSC Corporation UCS1002-2 Datasheet HTML 8Page - SMSC Corporation UCS1002-2 Datasheet HTML 9Page - SMSC Corporation UCS1002-2 Datasheet HTML 10Page - SMSC Corporation UCS1002-2 Datasheet HTML 11Page - SMSC Corporation UCS1002-2 Datasheet HTML 12Page - SMSC Corporation UCS1002-2 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
9
Revision 1.4 (07-16-13)
DATASHEET
List of Figures
Figure 2.1 UCS1002 Pin Diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 3.1 USB Rise Time / Fall Time Measurement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 3.2 Description of DC Terms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 4.1 SMBus Timing Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 5.1 UCS1002 Full-Featured System Configuration (SMBus Control) . . . . . . . . . . . . . . . . . . . . . 34
Figure 5.2 UCS1002 System Configuration (Charger Emulation, No SMBus, with USB Host) . . . . . . . 35
Figure 5.3 UCS1002 System Configuration (No SMBus, No Charger Emulation) . . . . . . . . . . . . . . . . . 36
Figure 5.4 UCS1002 System Configuration (No SMBus, No USB Host, with Charger Emulation). . . . . 37
Figure 5.5 Wake Timing via External Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 5.6 Wake Via SMBus Read with S0 = ‘0’ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 7.1 Trip Current Limiting Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Figure 7.2 Constant Current Limiting (Variable Slope) Operation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
Figure 8.1 Detect State VBUS Biasing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Figure 11.1 UCS1002 Package View . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 105
Figure 11.2 UCS1002 Package Dimensions and Notes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106
Figure 12.1 USB-IF High-speed Eye Diagram (without data switch) . . . . . . . . . . . . . . . . . . . . . . . . . . . 107
Figure 12.2 USB-IF High-speed Eye Diagram (with data switch) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 107
Figure 12.3 Short Applied After Power Up . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 107
Figure 12.4 Power Up Into A Short . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 107
Figure 12.5 Internal Power Switch Short Response . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 107
Figure 12.6 VBUS Discharge Behavior . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 107
Figure 12.7 Data Switch Off Isolation vs. Frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108
Figure 12.8 Data Switch Bandwidth vs. Frequency. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108
Figure 12.9 Data Switch On Resistance vs. Temp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108
Figure 12.10Power Switch On Resistance vs. Temp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108
Figure 12.11RDCP_RES Resistance vs.Temp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108
Figure 12.12Power Switch On / Off Time vs. Temp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108
Figure 12.13VS Over-Voltage Threshold vs. Temp. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
Figure 12.14VS Under Voltage Threshold vs. Temp. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
Figure 12.15Detect State VBUS vs. IBUS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
Figure 12.16Trip Current Limit Operation vs. Temp. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
Figure 12.17IBUS Measurement Accuracy . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
Figure 12.18Active State Current vs. Temp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110
Figure 12.19Detect State Current vs. Temp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110
Figure 12.20Sleep State Current vs. Temp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com