Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25VF064C Datasheet(PDF) 4 Page - Microchip Technology

Part # SST25VF064C
Description  64 Mbit SPI Serial Dual I/O Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF064C Datasheet(HTML) 4 Page - Microchip Technology

  SST25VF064C Datasheet HTML 1Page - Microchip Technology SST25VF064C Datasheet HTML 2Page - Microchip Technology SST25VF064C Datasheet HTML 3Page - Microchip Technology SST25VF064C Datasheet HTML 4Page - Microchip Technology SST25VF064C Datasheet HTML 5Page - Microchip Technology SST25VF064C Datasheet HTML 6Page - Microchip Technology SST25VF064C Datasheet HTML 7Page - Microchip Technology SST25VF064C Datasheet HTML 8Page - Microchip Technology SST25VF064C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
©2015 Silicon Storage Technology, Inc.
DS20005036C
04/15
4
64 Mbit SPI Serial Dual I/O Flash
SST25VF064C
EOL Data Sheet
Pin Description
Figure 2: Pin Assignments for 16-Lead SOIC, 8-Contact WSON, and 8-Lead SOIC
Table 1: Pin Description
Symbol
Pin Name
Functions
SCK
Serial Clock
To provide the timing of the serial interface. Commands, addresses, or input
data are latched on the rising edge of the clock input, while output data is
shifted out on the falling edge of the clock input.
SI
Serial Data Input
To transfer commands, addresses, or data serially into the device.
Inputs are latched on the rising edge of the serial clock.
SO
Serial Data Output To transfer data serially out of the device.
Data is shifted out on the falling edge of the serial clock.
SIO[0:1]
Serial Data Input/
Output for Dual I/
O Mode
To transfer commands, addresses, or data serially into the device, or data
out of the device. Inputs are latched on the rising edge of the serial clock.
Data is shifted out on the falling edge of the serial clock. These pins are for
Dual I/O mode.
CE#
Chip Enable
The device is enabled by a high to low transition on CE#. CE# must remain
low for the duration of any command sequence.
WP#
Write Protect
The Write Protect (WP#) pin is used to enable/disable BPL bit in the status
register.
RST#/HOLD#
Reset
To reset the operation of the device and the internal logic. The device pow-
ers on with RST# pin functionality as default.
Hold
To temporarily stop serial communication with SPI Flash memory while
device is selected. This is selected by an instruction sequence. See “Reset/
Hold Mode” page 5 for details.
VDD
Power Supply
To provide power supply voltage: 2.7-3.6V
VSS
Ground
T1.0 25036
SCK
SI/SIO0
NC
NC
NC
NC
VSS
WP#
RST#/HOLD#
VDD
NC
NC
NC
NC
CE#
SO/SIO1
1392 16-SOIC P1.0
Top View
1392 8-WSON P1.0
1
2
3
4
8
7
6
5
CE#
SO/SIO1
WP#
VSS
Top View
VDD
RST#/HOLD#
SCK
SI/SIO0
1392 8-soic S3A P3.1
1
2
3
4
8
7
6
5
CE#
SO/SIO1
WP#
VSS
VDD
RST#/HOLD#
SCK
SI/SIO0
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com