Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25VF064C Datasheet(PDF) 2 Page - Microchip Technology

Part # SST25VF064C
Description  64 Mbit SPI Serial Dual I/O Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF064C Datasheet(HTML) 2 Page - Microchip Technology

  SST25VF064C Datasheet HTML 1Page - Microchip Technology SST25VF064C Datasheet HTML 2Page - Microchip Technology SST25VF064C Datasheet HTML 3Page - Microchip Technology SST25VF064C Datasheet HTML 4Page - Microchip Technology SST25VF064C Datasheet HTML 5Page - Microchip Technology SST25VF064C Datasheet HTML 6Page - Microchip Technology SST25VF064C Datasheet HTML 7Page - Microchip Technology SST25VF064C Datasheet HTML 8Page - Microchip Technology SST25VF064C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
©2015 Silicon Storage Technology, Inc.
DS20005036C
04/15
2
64 Mbit SPI Serial Dual I/O Flash
SST25VF064C
EOL Data Sheet
Product Description
The SST 25 series Serial Flash family features a four-wire, SPI-compatible interface that allows for a
low pin-count package which occupies less board space and ultimately lowers total system costs.
SST25VF064C SPI serial flash memory is manufactured with SST proprietary, high-performance
CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector attain bet-
ter reliability and manufacturability compared with alternate approaches.
The SST25VF064C significantly improves performance and reliability, while lowering power consump-
tion. The device writes (Program or Erase) with a single power supply of 2.7-3.6V. The total energy
consumed is a function of the applied voltage, current, and time of application. Since for any given volt-
age range, the SuperFlash technology uses less current to program and has a shorter erase time, the
total energy consumed during any Erase or Program operation is less than alternative flash memory
technologies.
The SST25VF064C device is offered in 16-lead SOIC (300 mils), 8-contact WSON (6mm x 8mm), and
8-lead SOIC (200 mils) packages. See Figure 2 for pin assignments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com