Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPA3128D2DAPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3128D2DAPR
Description  2x30-W Class-D Amplifier With Low Idle Power Dissipation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3128D2DAPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA3128D2DAPR Datasheet HTML 6Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 7Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 8Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 9Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 10Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 11Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 12Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 13Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Output Power (W)
0.001
0.01
0.1
1
10
0.01
0.1
1
10
50 100 200
D026
Gain=26dB
PVCC=24V
TA=25qC
RL=3:
f= 20Hz
f= 1kHz
f= 6KHz
Supply Voltage (V)
4
6
8
10
12
14
16
18
20
22
24
26
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
D027
Gain=26dB
TA=25qC
RL=3:
THD+N=1%
THD+N=10%
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
D024
Gain=26dB
TA=25qC
RL=2:
PVCC = 6V
PVCC = 12 V
PVCC = 24 V
Frequency (Hz)
-100
-80
-60
-40
-20
0
100
1k
10k
20
20k
D025
Gain=26dB
PVCC=12VDC+200mVP-P
TA=25qC
RL=2:
Output Power (W)
0.001
0.01
0.1
1
10
0.01
0.1
1
10
40
D022
Gain=26dB
PVCC=12V
TA=25qC
RL=2:
f= 20Hz
f= 1kHz
f= 6KHz
Supply Voltage (V)
4
6
8
10
12
14
16
18
20
22
0
20
40
60
80
100
120
140
160
180
D023
Gain=26dB
TA=25qC
RL=2:
THD+N=1%
THD+N=10%
10
TPA3128D2
SLOS941A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TPA3128D2
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
fs = 400 kHz, Ultra Low Idle Loss Mode, TPA3128D2EVM Tested With AP2722. (unless otherwise noted)
Figure 20. Total Harmonic Distortion + Noise (PBTL) vs
Output Power
Figure 21. Maximum Output Power (PBTL) vs Supply
Voltage
Figure 22. Power Efficiency (PBTL) vs Output Power
Figure 23. Supply Ripple Rejection Ratio (PBTL) vs
Frequency
Figure 24. Total Harmonic Distortion + Noise (PBTL) vs
Output Power
Figure 25. Maximum Output Power (PBTL) vs Supply
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com