Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPA3128D2DAPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3128D2DAPR
Description  2x30-W Class-D Amplifier With Low Idle Power Dissipation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3128D2DAPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA3128D2DAPR Datasheet HTML 7Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 8Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 9Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 10Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 11Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 12Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 13Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 14Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
+
–
+
–
+
–
+
+
SDZ
MUTE
TTL
Buffer
Gain
Control
GAIN
OUTPR_FB
RINP
RINN
Gain
Control
OUTPNR_FB
FAULTZ
SYNC
GAIN/SLV
AM<2:0>
PLIMIT
AVCC
GVDD
LDO
Regulator
LINP
LINN
GND
Input
Sense
PBTL
Select
OUTPL_FB
Gain
Control
OUTNL_FB
AVDD
GVDD
PLIMIT
Reference
Ramp
Generator
Biases and
References
Startup Protection
Logic
SC Detect
DC Detect
Thermal
Detect
UVLO/OVLO
PVCC
GVDD
PVCC
Gate
Drive
OUTNL_
FB
PVCC
GVDD
PVCC
Gate
Drive
PWM
Logic
Modulation and
PBTL Select
OUTPL_FB
GND
OUTPL
BSPL
GND
OUTNL
BSNL
GND
BSNR
OUTPR
GND
OUTNR
OUTNR_
FB
BSPR
OUTPR_FB
PVCC
GVDD
PVCC
Gate
Drive
PVCC
GVDD
PVCC
Gate
Drive
PWM
Logic
Modulation and
PBTL Select
PLIMIT
PLIMIT
+
–
+
–
+
–
+
–
+
–
+
–
–
–
Thermal
Pad
+
–
PVCC
PVCC
Copyright © 2016, Texas Instruments Incorporated
Input
Sense
MONO
Select
11
TPA3128D2
www.ti.com
SLOS941A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: TPA3128D2
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPA3128D2 device is a highly efficient Class D audio amplifier with extreme low idle power dissipation. It
can support as low as 23mA idle loss current using standard LC filter configurations. It is integrated with 90-mΩ
MOSFET that allows output currents up to 7.5 A. The high efficiency allows the amplifier to provide an excellent
audio performance without the requirement for a bulky heat sink.
The device can be configured for either master or slave operation by using the SYNC pin. Configuring using the
SYNC pin helps to prevent audible beats noise.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com