Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KSZ8091RNA Datasheet(PDF) 39 Page - Microchip Technology

Part # KSZ8091RNA
Description  10BASE-T/100BASE-TX PHY with RMII and EEE Support
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8091RNA Datasheet(HTML) 39 Page - Microchip Technology

Back Button KSZ8091RNA Datasheet HTML 35Page - Microchip Technology KSZ8091RNA Datasheet HTML 36Page - Microchip Technology KSZ8091RNA Datasheet HTML 37Page - Microchip Technology KSZ8091RNA Datasheet HTML 38Page - Microchip Technology KSZ8091RNA Datasheet HTML 39Page - Microchip Technology KSZ8091RNA Datasheet HTML 40Page - Microchip Technology KSZ8091RNA Datasheet HTML 41Page - Microchip Technology KSZ8091RNA Datasheet HTML 42Page - Microchip Technology KSZ8091RNA Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
 2016 Microchip Technology Inc.
DS00002298A-page 39
KSZ8091RNA/RND
Note 4-1
RW = Read/Write; RO = Read Only; SC = Self-Cleared.
4.3
MMD Registers
MMD registers provide indirect read/write access to up to 32 MMD Device Addresses with each device supporting up
to 65,536 16-bit registers, as defined in Clause 22 of the IEEE 802.3 Specification. The KSZ8091RNA/RND, however,
uses only a small fraction of the available registers. See the MMD Register Descriptions section for a list of supported
MMD device addresses and their associated register addresses.
The following two standard registers serve as the portal registers to access the indirect MMD registers.
• Standard register Dh – MMD Access – Control
• Standard register Eh – MMD Access – Register/Data
1F.10
Power
Saving
1 = Enable power saving
0 = Disable power saving
RW
0
1F.9
Interrupt
Level
1 = Interrupt pin active high
0 = Interrupt pin active low
RW
0
1F.8
Enable
Jabber
1 = Enable jabber counter
0 = Disable jabber counter
RW
1
1F.7
RMII Refer-
ence Clock
Select
1 = For KSZ8091RNA, clock input to XI (Pin 8) is
50 MHz for RMII – 50 MHz Clock Mode.
For KSZ8091RND, clock input to XI (Pin 8) is
25 MHz for RMII – 25 MHz Clock Mode.
0 = For KSZ8091RNA, clock input to XI (Pin 8) is
25 MHz for RMII – 25 MHz Clock Mode.
For KSZ8091RND, clock input to XI (Pin 8) is
50 MHz for RMII – 50 MHz Clock Mode.
RW
0
1F.6
Reserved
Reserved
RW
0
1F.5:4
LED Mode
[00] = LED0: Link/Activity
[01] = LED0: Link
[10], [11] = Reserved
RW
00
1F.3
Disable
Transmitter
1 = Disable transmitter
0 = Enable transmitter
RW
0
1F.2
Remote
Loopback
1 = Remote (analog) loopback is enabled
0 = Normal mode
RW
0
1F.1
Reserved
Reserved
RW
0
1F.0
Disable Data
Scrambling
1 = Disable scrambler
0 = Enable scrambler
RW
0
TABLE 4-5:
PORTAL REGISTERS (ACCESS TO INDIRECT MMD REGISTERS)
Address
Name
Description
Mode
Default
Register Dh - MMD Access - Control
D.15:14
MMD –
Operation
Mode
For the selected MMD device address (bits [4:0] of
this register), these two bits select one of the fol-
lowing register or data operations and the usage
for MMD Access – Register/Data (Reg. Eh).
00 = Register
01 = Data, no post increment
10 = Data, post increment on reads and writes
11 = Data, post increment on writes only
RW
00
D.13:5
Reserved
Reserved
RW
00_0000_000
TABLE 4-4:
VENDOR SPECIFIC REGISTER DESCRIPTIONS (CONTINUED)
Address
Name
Description
Mode
Note 4-1
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com