Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KSZ8091RNA Datasheet(PDF) 9 Page - Microchip Technology

Part # KSZ8091RNA
Description  10BASE-T/100BASE-TX PHY with RMII and EEE Support
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8091RNA Datasheet(HTML) 9 Page - Microchip Technology

Back Button KSZ8091RNA Datasheet HTML 5Page - Microchip Technology KSZ8091RNA Datasheet HTML 6Page - Microchip Technology KSZ8091RNA Datasheet HTML 7Page - Microchip Technology KSZ8091RNA Datasheet HTML 8Page - Microchip Technology KSZ8091RNA Datasheet HTML 9Page - Microchip Technology KSZ8091RNA Datasheet HTML 10Page - Microchip Technology KSZ8091RNA Datasheet HTML 11Page - Microchip Technology KSZ8091RNA Datasheet HTML 12Page - Microchip Technology KSZ8091RNA Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
 2016 Microchip Technology Inc.
DS00002275A-page 9
KSZ8091RNA/RND
2.1
Strap-In Options - KSZ8091RNA/RND
The PHYAD[1:0] and PME_EN strap-in pins are latched at the de-assertion of reset. In some systems, the RMII MAC
receive input pins may drive high/low during power-up or reset, and consequently cause the PHYAD[1:0] and PME_EN
strap-in pins, shared pin with the RMII CRS_DV and RXER signals respectively, to be latched to the unintended high/
low state. In this case, an external pull-up (4.7 kΩ) or pull-down (1.0 kΩ) should be added on the PHYAD[1:0] and
PME_EN strap-in pins to ensure that the intended value is strapped-in correctly.
Note 2-4
Ipu/O = Input with internal pull-up (see Electrical Characteristics for value) during power-up/reset;
output pin otherwise.
Ipd/O = Input with internal pull-down (see Electrical Characteristics for value) during power-up/reset;
output pin otherwise.
TABLE 2-2:
STRAP-IN OPTIONS - KSZ8091RNA/RND
Pin Number
Pin Name
Type
Note 2-4
Description
15
PHYAD[1:0]
Ipd/O
The PHY Address is latched at the de-assertion of reset and is con-
figurable to either one of the following two values:
Pull-up = PHY Address is set to 00011b (3h)
Pull-down (default) = PHY Address is set to 00000b (0h)
PHY Address 0 is assigned by default as the broadcast PHY
address, but it can be assigned as a unique PHY address after writ-
ing a ‘1’ to Register 16h, Bit [9].
PHY Address bits [4:2] are set to 000 by default.
17
PME_EN
Ipd/O
PME Output for Wake-On-LAN
Pull-up = Enable
Pull-down (default) = Disable
At the de-assertion of reset, this pin value is latched into Register
16h, Bit [15].
23
ANEN_SPEED
Ipu/O
Auto-Negotiation Enable and Speed Mode
Pull-up (default) = Enable Auto-Negotiation and set 100 Mbps Speed
Pull-down = Disable Auto-Negotiation and set 10 Mbps Speed
At the de-assertion of reset, this pin value is latched into Register 0h,
Bit [12] for Auto-Negotiation enable/disable, Register 0h, Bit [13] for
the Speed select, and Register 4h (Auto-Negotiation Advertisement)
for the Speed capability support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com