Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SD1481 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SD1481
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1481 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD1481 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1481 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Darlington Power Transistor
2SD1481
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCE(sat)*
Collector-Emitter Saturation Voltage
IC= 1A, IB= 1mA
1.5
V
VBE(sat)*
Base-Emitter Saturation Voltage
IC= 1A, IB= 1mA
2.0
V
ICBO
Collector Cutoff Current
VCB= 40V, IE= 0
1
uA
hFE-1*
DC Current Gain
IC= 1A; VCE= 2V
2000
20000
hFE-2*
DC Current Gain
IC= 3A; VCE= 2V
500
*:Pulse test PW≤350us,duty cycle≤2%
Switching Times
ton
Turn-on Time
IC= 1A; IB1= IB2= 1mA
0.5
μ
s
ts
Storage Time
2.0
μ
s
tf
Fall Time
1.0
μ
s
hFE-1 Classifications
M
L
K
2000-5000
4000-10000 8000-20000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com