Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MDF6-1618SCF Datasheet(PDF) 2 Page - Hirose Electric

Part # MDF6-1618SCF
Description  3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF6-1618SCF Datasheet(HTML) 2 Page - Hirose Electric

  MDF6-1618SCF Datasheet HTML 1Page - Hirose Electric MDF6-1618SCF Datasheet HTML 2Page - Hirose Electric MDF6-1618SCF Datasheet HTML 3Page - Hirose Electric MDF6-1618SCF Datasheet HTML 4Page - Hirose Electric MDF6-1618SCF Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rating
B134
MDF6 Series
●3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
■Product Specifications
Current rating
(Note1)
Voltage rating
AWG#16 : 7A
Cable Size
AWG#18 : 6A
AWG#20 : 5A
AWG#22 : 4A
300V AC
Storage Temperature Range
Storage Moisture Range
Operating Temperature Range
Operating Moisture Range
-10 to +60ç (Note3)
-40 to 70% (Note3)
-30 to +85ç (Note2)
-40 to 80%
■UL CSA Safety Standard File No.
UL
:E52653
CSA
:LR95109
Item
Specification
Condition
1. Insulation Resistance
1000M ohms min
500V DC
2. Withstanding voltage
No flashover or insulation breakdown.
1500V AC/1 minute
3. Contact Resistance
30m ohms max
100mA
4. Single Insertor/Extraction Force 0.4N(40gf) min., 4.9N(500gf) max.
Measured at the steel pin with 1.52∞0.76±0.002mm
5. Vibration
No electrical discontinuity of 1μs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
6. Humidity (Steady state) Contact resistance: 30m ohms max.Insulation resistance: 1000M ohms min.
96 hours at temperature of 40±2ç and humidity of 90% to 95%
7. Temperature Cycle
Contact resistance: 30m ohms max:Insulation resistance: 1000M ohms min.
(-55ç: 30 minutes
➝ 5 to 35ç: 10 minutes
(-85ç: 30 minutes
➝ 5 to 35ç: 10 minutes) 5 cycles
8. Durability (Mating/un-mating) Contact resistance: 30m ohms max.
Tin/tin-copper plated 30 cycles
9. Resistance to Soldering heat No deformation of components affecting performance.
Flow: 250ç for 10 seconds
Manual soldering: 300ç for 3 seconds
Rating
■Material
Product
Part
Material
Treatment
Remarks
Crimping Socket
Insulator
Polyamide resin
White (Natural)
UL94V-0
Crimping Contact for Socket
Contact
Phosphor bronze
Tin plated
–––––
Pin Header
Insulator
Polyamide resin
White (Natural)
UL94V-0
Contact
Brass
Tin-copper plated
–––––
Current rating
Voltage rating
AWG#16 to #18 : 6A
Cable Size
AWG#20 to #22 : 4A
30V AC
Standard Value Applicant to the UL CSA Safety Standard
Note 1: The rated current will be changed according to applicable cable sizes. The header rating only is 7A.
Note 2: Includes temperature rise caused by current flow.
Note 3: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note 4: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for
a specific part number shown.
■Ordering Information
●Connector
●Contact
MDF6 - 1618 SCF
qw
q Applicable Cable Size
1618 : AWG#16 to #18
2022 : AWG#20 to #22
w Packaging Type
SCF : Socket Contact, Reel
SC : Socket Contact, Bag
q Series Name
: MDF 6
w Number of Contacts : 4 to 20
e Connector Type
DS : Double row socket
DP : Double row pin header
r Contact Pitch
: 3.5mm
t Contact type
C
: Crimping socket
DSA: Straight dip
DS : Right angle dip
MDF6
- * DS - 3.5 C
qe
wr
t
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com