Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MDF6-1618SCF Datasheet(PDF) 4 Page - Hirose Electric

Part # MDF6-1618SCF
Description  3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF6-1618SCF Datasheet(HTML) 4 Page - Hirose Electric

  MDF6-1618SCF Datasheet HTML 1Page - Hirose Electric MDF6-1618SCF Datasheet HTML 2Page - Hirose Electric MDF6-1618SCF Datasheet HTML 3Page - Hirose Electric MDF6-1618SCF Datasheet HTML 4Page - Hirose Electric MDF6-1618SCF Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
B136
MDF6 Series
●3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
Note1: A packaging quantity is delivered by the bag unit (100 pcs.). If needed,
please order the products per bag.
■Double Row Pin Header: Straight Type
Unit: mm
Part Number
CL No.
MDF6- 4DP-3.5DSA(05)
MDF6- 6DP-3.5DSA(05)
MDF6- 8DP-3.5DSA(05)
MDF6-10DP-3.5DSA(05)
MDF6-12DP-3.5DSA(05)
MDF6-14DP-3.5DSA(05)
MDF6-16DP-3.5DSA(05)
MDF6-18DP-3.5DSA(05)
MDF6-20DP-3.5DSA(05)
547-0083-2-05
547-0084-5-05
547-0085-8-05
547-0086-0-05
547-0087-3-05
547-0088-6-05
547-0089-9-05
547-0090-8-05
547-0091-0-05
4
6
8
10
12
14
16
18
20
10.5
14
17.5
21
24.5
28
31.5
35
38.5
Number of Contacts
A
3.5
7
10.5
14
17.5
21
24.5
28
31.5
Yes
B
RoHS
●Board Hole Diameter : Ø1.3
●Applicable Board Thickness : 1.6±0.2
+0.1
+0
Note1: A packaging quantity is delivered by the bag unit (100 pcs.). If needed,
please order the products per bag.
■Double Row Pin Header: Right Angle Type
Unit: mm
Part Number
CL No.
MDF6- 4DP-3.5DS(05)
MDF6- 6DP-3.5DS(05)
MDF6- 8DP-3.5DS(05)
MDF6-10DP-3.5DS(05)
547-0270-0-05
547-0271-2-05
547-0272-5-05
547-0273-8-05
4
6
8
10
10.5
14
17.5
21
Number of Contacts
A
3.5
7
10.5
14
Yes
B
RoHS
●Board Hole Diameter : Ø1.3
●Applicable Board Thickness : 1.6±0.2
+0.1
+0
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com