Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFE19-60/12-D-T-2-1-R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFE19-60/12-D-T-2-1-R
Description  60A switching capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE19-60/12-D-T-2-1-R Datasheet(HTML) 2 Page - Hongfa Technology

  HFE19-60/12-D-T-2-1-R Datasheet HTML 1Page - Hongfa Technology HFE19-60/12-D-T-2-1-R Datasheet HTML 2Page - Hongfa Technology HFE19-60/12-D-T-2-1-R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
==
9MQFP- 81 J f^Zgl maZm k^eZr bl hg ma^ ,k^l^m, lmZmnl pa^g ]^ebo^krB F f^Zgl maZm k^eZr bl hg ma^ ,l^m, lmZmnl pa^g ]^ebo^kr5 K_ gh li^b\Ze k^jnbk^]
[r \nlmhf^k3 p^ pbee d^^i ma^ k^eZr hg ma^ ,l^m, lmZmnl pa^g ]^ebo^kr5
~- FblmZg\^ <ffB Nh [hpe^`
*- FblmZg\^ <ffB L4[hpe^`
91 p^ \Zg fZd^ li^\bZe ]^lb`g Z\\hk]bg` mh \nlmhf^k/l k^jnbk^f^gm5
<
87
:?
859
8
8:5?
:?
885:
859
8
1- 8 Hhkf D
5- 8 Hhkf C
R^fZkdA 81 Kg \Zl^ h_ gh mhe^kZg\^ lahpg bg hnmebg^ ]bf^glbhgA hnmebg^ ]bf^glbhg V8ff3 mhe^kZg\^ lahne] [^ u759ffB hnmebg^ ]bf^glbhg X8ff
Zg] V<ff3 mhe^kZg\^ lahne] [^ u75:ffB hnmebg^ ]bf^glbhg X<ff3 mhe^kZg\^ lahne] [^ u75;ff5
91 Ta^ mhe^kZg\^ pbmahnm bg]b\Zmbg` _hk PED eZrhnm bl ZepZrl u758ff5
81
=NFDICJ DMEF:1
AAA- Enlmhf^k li^\bZe k^jnbk^f^gm
9IJ- SmZg]Zk]
:1 Ta^ \nlmhf^k li^\bZe k^jnbk^f^gm ^qik^ll Zl li^\bZe \h]^ Z_m^k ^oZenZmbg` [r Jhg`_Z5
>- C`SgO9
0MLQCDQ OCQILH
JHG8@ 4=76 89
F
9
+|- =7C
T
0XXX1
0MIJ CLHJF GMOK
}- Sbg`e^ \hbe eZm\abg`
~- Fhn[e^ \hbel eZm\abg`
4R
8
:<12<694 693:<8.>6:9
>TNF
0MIJ SMJQCHF
@3 893 9;3 ;?VFE
0MLQCDQ GMOK
0MLQCDQ KCQFOICJ
;MJCOIQT
<- N^`Zmbo^ iheZkbmr
9IJ- Phlbmbo^ iheZkbmr
=MOQ
Onmebg^ Fbf^glbhgl
:?>7692 16829=6:9=z @6<694 16.4<.8 .91 ;0 /:.<1 7.B:?>
UgbmA ff
8 \hbe eZm\abg`
9 \hbel eZm\abg`



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com