Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFE19-60/12-D-T-2-1-R Datasheet(PDF) 3 Page - Hongfa Technology

Part # HFE19-60/12-D-T-2-1-R
Description  60A switching capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE19-60/12-D-T-2-1-R Datasheet(HTML) 3 Page - Hongfa Technology

  HFE19-60/12-D-T-2-1-R Datasheet HTML 1Page - Hongfa Technology HFE19-60/12-D-T-2-1-R Datasheet HTML 2Page - Hongfa Technology HFE19-60/12-D-T-2-1-R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
9:
8
<
;
9:
8
<
;
8< ;
9
:
=>
S^m
R^l^m
R^l^m
S^m
R^l^m
S^m
S^m
R^l^m
Phlbmbo^ iheZkbmr
0Dhmmhf ob^p1
9MQIDF-
85 R^eZr bl hg ma^ vk^l^mw hk ,l^m, lmZmnl pa^g [^bg` k^e^Zl^] _khf lmh\d3 pbma ma^ \hglb]^kZmbhg h_ lah\d kbl^g _khf mkZglbm Zg] k^eZr
fhngmbg`3 k^eZr phne] [^ \aZg`^] mh vl^mw hk ,k^l^m, lmZmnl3 ma^k^_hk^3 pa^g Ziieb\Zmbhg 0\hgg^\mbg` ma^ ihp^k lniier13 ie^Zl^ k^l^m
ma^ k^eZr mh vl^mw hk vk^l^mw lmZmnl hg k^jn^lm5
95 Kg hk]^k mh fZbgmZbg vl^mw hk vk^l^mw lmZmnl3 ^g^k`bs^] ohemZ`^ mh \hbe lahne] k^Z\a ma^ kZm^] ohemZ`^3 bfinel^ pb]ma lahne] [^ < mbf^l
fhk^ maZg vl^mw hk vk^l^mw mbf^5 Fh ghm ^g^k`bs^ ohemZ`^ mh vl^mw \hbe Zg] vk^l^mw \hbe lbfnemZg^hnler5 Cg] Zelh ehg` ^g^k`bs^] mbf^
0fhk^ maZg 8 fbg1 lahne] [^ Zohb]^]5
:5 Ta^ m^kfbgZel h_ k^eZr pbmahnm mpblm^] \hii^k pbk^ \Zg ghm [^ mbg4lhe]^k^]3 \Zg ghm [^ fho^] pbee_neer5
;5 R^eZrl nl^] _hk f^m^kbg` f^Zlnkbg` Ziieb\Zmbhgl Zk^ nlnZeer fZ]^ pbma ]nlm ikhh_ lmkn\mnk^3 pabe^ fhlm k^eZrl \hne] [^ fZ]^
li^\bZeer i^k \nlmhf^k/l li^\b_b\ k^jnbk^f^gml5Nh ehg`^k maZg = fhgmal/ lmhkZ`^ mbf^ bl k^\hff^g]^] _hk mabl dbg] h_ k^eZr3 Zg]
ie^Zl^ iZr Zmm^gmbhg mh ma^ lmhkZ`^ ^gobkhgf^gm5 Th ^glnk^ \hgmZ\m k^ebZ[bebmr3 p^ pbee d^^i \hgmZ\m lmZmnl [^ \ehl^] pa^g ]^ebo^kr
b_ gh li^\bZe k^jnbk^] [r \nlmhf^k5
8:5?
<
885:
87
t XbZf^g Jhg`_Z Ge^\mkhZ\hnlmb\ Eh53 Lm]5 Cee kb`aml h_ Jhg`_Z Zk^ k^l^ko^]5
Fbl\eZbf^k
Ta^ li^\b_b\Zmbhg bl _hk k^_^k^g\^ hger5 Si^\b_b\Zmbhgl ln[c^\m mh \aZg`^ pbmahnm ghmb\^5
W^ \hne] ghm ^oZenZm^ Zee ma^ i^k_hkfZg\^ Zg] Zee ma^ iZkZf^m^kl _hk ^o^kr ihllb[e^ Ziieb\Zmbhg5 Tanl ma^ nl^k lahne] [^ bg Z kb`am ihlbmbhg mh
\ahhl^ ma^ lnbmZ[e^ ikh]n\m _hk ma^bk hpg Ziieb\Zmbhg5 K_ ma^k^ bl Zgr jn^kr3 ie^Zl^ \hgmZ\m Jhg`_Z _hk ma^ m^\agb\Ze l^kob\^5 Jhp^o^k3 bm bl ma^ nl^k/l
k^lihglb[bebmr mh ]^m^kfbg^ pab\a ikh]n\m lahne] [^ nl^] hger5
:?>7692 16829=6:9=z @6<694 16.4<.8 .91 ;0 /:.<1 7.B:?>
UgbmA ff
Wbkbg` FbZ`kZf 0Dhmmhf ob^p1
N^`Zmbo^ iheZkbmr
PED LZrhnm
Sbg`e^ \hbe eZm\abg`
Fhn[e^ \hbel eZm\abg`



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com