Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M30LW128D Datasheet(PDF) 31 Page - STMicroelectronics

Part # M30LW128D
Description  128 Mbit (two 64Mbit, x8/x16, Uniform Block, Flash Memories) 3V Supply, Multiple Memory Product
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M30LW128D Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M30LW128D Datasheet HTML 27Page - STMicroelectronics M30LW128D Datasheet HTML 28Page - STMicroelectronics M30LW128D Datasheet HTML 29Page - STMicroelectronics M30LW128D Datasheet HTML 30Page - STMicroelectronics M30LW128D Datasheet HTML 31Page - STMicroelectronics M30LW128D Datasheet HTML 32Page - STMicroelectronics M30LW128D Datasheet HTML 33Page - STMicroelectronics M30LW128D Datasheet HTML 34Page - STMicroelectronics M30LW128D Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
31/57
M30LW128D
Figure 11. Bus Read AC Waveforms
Note: 1. Refer to Table 3 for details of how the device is enabled.
2. BYTE can be Low or High. The BYTE signal is not available with the LFBGA88 package.
Table 16. Bus Read AC Characteristics
Symbol
Parameter
Test Condition
M30LW128D
Unit
110
tAVAV
Address Valid to Address Valid
E = VIL, G = VIL
Min
110
ns
tAVQV
Address Valid to Output Valid
E = VIL, G = VIL
Max
110
ns
tAXQX
Address Transition to Output Transition
E = VIL, G = VIL
Min
0
ns
tBLQV
Byte Low (or High) to Output Valid
E = VIL, G = VIL
Max
1
µs
tBLQZ
Byte Low (or High) to Output Hi-Z
E = VIL, G = VIL
Max
1
µs
tEHQX
Chip Enable High to Output Transition
G = VIL
Min
0
ns
tEHQZ
Chip Enable High to Output Hi-Z
G = VIL
Max
25
ns
tELBL
Chip Enable Low to Byte Low (or High)
G = VIL
Max
10
ns
tELQX
Chip Enable Low to Output Transition
G = VIL
Min
0
ns
tELQV
Chip Enable Low to Output Valid
G = VIL
Max
110
ns
tGHQX
Output Enable High to Output Transition
E = VIL
Min
0
ns
tGHQZ
Output Enable High to Output Hi-Z
E = VIL
Max
15
ns
tGLQX
Output Enable Low to Output Transition
E = VIL
Min
0
ns
tGLQV
Output Enable Low to Output Valid
E = VIL
Max
25
ns
AI07509
E (1)
G
A0-A23
DQ0-DQ15
VALID
tAXQX
tELQX
tAVQV
tGLQV
tEHQZ
tGHQX
OUTPUT
tAVAV
tEHQX
tGHQZ
tGLQX
tELQV
BYTE (2)
tELBL
tBLQV
tBLQZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com