Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4663 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4663
Description  2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4663 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4663 Datasheet HTML 1Page - National Semiconductor (TI) LM4663 Datasheet HTML 2Page - National Semiconductor (TI) LM4663 Datasheet HTML 3Page - National Semiconductor (TI) LM4663 Datasheet HTML 4Page - National Semiconductor (TI) LM4663 Datasheet HTML 5Page - National Semiconductor (TI) LM4663 Datasheet HTML 6Page - National Semiconductor (TI) LM4663 Datasheet HTML 7Page - National Semiconductor (TI) LM4663 Datasheet HTML 8Page - National Semiconductor (TI) LM4663 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (Notes 1, 2, 7) (Continued)
The following specifications apply for V
DD = 5V, RL = 4Ω, LC filter values as shown in Figure 1, unless otherwise specified.
Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4663
Units
Typical
Max
Min
Headphone Amplifiers
P
O
Power Out Per Channel
THD+N
≤ 1%,R
L = 32Ω,fIN =
1kHz
80
60
mW
THD+N
Distortion + Noise
P
O = 20mW, RL = 32Ω,fIN =
1kHz
0.15
%
V
NOISE
Output Noise Voltage, RMS
R
IN = 50Ω,CIN = 1µF, BW =
8Hz to 22kHz
30
µV
PSRR
Power Supply Rejection Ratio
(Referred to Input)
200mV, 1kHz, V
IN = 0, RL =
32
Ω
44
dB
A
V
Voltage Gain
1kHz, V
IN = 100mV, RL = 32Ω
5.5
dB
A
VL−AVR
Stereo Gain Tracking
1kHz, V
IN = 100mV, RL = 32Ω
0.1
dB
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2:
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. “Operating Ratings” indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
“Electrical Characteristics” state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: For operating at case temperatures above 25˚C, the device must be derated based on a 150˚C maximum junction temperature and a thermal resistance of
θJA = 80˚C/W (junction to ambient).
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Machine Model 220pF−240pF discharged through all pins.
Note 6: The operating junction temperature maximum is 150˚C.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Typical Performace Characteristics
Efficiency vs Output Power
DS101269-10
Power Dissipation vs Output Power
DS101269-11
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com