Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4663 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4663
Description  2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4663 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4663 Datasheet HTML 1Page - National Semiconductor (TI) LM4663 Datasheet HTML 2Page - National Semiconductor (TI) LM4663 Datasheet HTML 3Page - National Semiconductor (TI) LM4663 Datasheet HTML 4Page - National Semiconductor (TI) LM4663 Datasheet HTML 5Page - National Semiconductor (TI) LM4663 Datasheet HTML 6Page - National Semiconductor (TI) LM4663 Datasheet HTML 7Page - National Semiconductor (TI) LM4663 Datasheet HTML 8Page - National Semiconductor (TI) LM4663 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM4663
2 Watt Stereo Class D Audio Power Amplifier with Stereo
Headphone Amplifier
General Description
The LM4663 is a fully integrated single supply, high effi-
ciency Class D audio power amplifier solution. The LM4663
utilizes a continuous time delta-sigma modulation technique
that lowers output noise and THD when compared to con-
ventional pulse width modulators.
The LM4663 also features a stereo headphone amplifier that
delivers 80mW into a 32
Ω headset with less than 0.5% THD.
The LM4663 has two stereo inputs that can be selected to
drive either the headphone amplifier or the Class D amplifier.
All amplifiers are protected with thermal shutdown.
In standby mode, the LM4663 draws an extremely low 2µA
supply current. With a 4
Ω load, the IC’s efficiency for a
250mW power level is 69%, reaching 83% at a power level
of 2W. The IC features click and pop reduction circuitry that
minimizes audible popping during device turn-on and
turn-off. The LM4663 is available in a 24-lead TSSOP pack-
age, ideal for portable and desktop computer applications.
Key Specifications
n
P
O at THD+N=1%
2.1W (typ)
n
THD+N at 1kHz at 1 Watt into 4
Ω (Power
Amp)
0.2% (typ)
n
Efficiency at 2 Watt into 4
Ω
83% (typ)
n
Efficiency at 250mW into 4
Ω
69% (typ)
n
Total quiescent power supply current
22mA (typ)
n
Total shutdown power supply current
2µA (typ)
n
THD+N 1kHz, 20mW, 32
Ω (Headphone)
0.15% (typ)
n
Single supply range
4.5V to 5.5V
Features
n
Delta-sigma modulator.
n
Two stereo input selector.
n
“Click and pop” suppression circuitry.
n
Micropower shutdown mode.
n
24 lead TSSOP package (No heatsink required).
n
Stereo headphone amplifier.
Applications
n
Portable computers
n
Desktop computers
n
Multimedia Monitors
Block Diagram
Connection Diagram
BOOMER™ is a trademark of National Semiconductor Corporation.
DS101269-1
TSSOP Package
DS101269-2
Top View
Order Number LM4663MT
See NS Package Number MTC24
(TSSOP Package)
January 2000
© 2000 National Semiconductor Corporation
DS101269
www.national.com


Similar Part No. - LM4663

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4664 NSC-LM4664 Datasheet
550Kb / 14P
Filterless High Efficiency 1.1W Switching Audio Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
Filterless High Efficiency 1W Switching Audio Amplifier
logo
Texas Instruments
LM4665 TI1-LM4665 Datasheet
1Mb / 28P
LM4665 Filterless High Efficiency 1W Switching Audio Amplifier
logo
National Semiconductor ...
LM4665ITL NSC-LM4665ITL Datasheet
1,018Kb / 18P
Filterless High Efficiency 1W Switching Audio Amplifier
logo
Rochester Electronics
LM4665ITL ROCHESTER-LM4665ITL Datasheet
609Kb / 1P
NATIONAL?셎 AUDIO AMPLIFIER now featuring RoHS compliancy Audio Amplifier
More results

Similar Description - LM4663

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D4 TI-TPA2000D4 Datasheet
412Kb / 24P
STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
logo
Maxim Integrated Produc...
MAX9702 MAXIM-MAX9702 Datasheet
1Mb / 32P
1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
Rev 0; 6/05
logo
National Semiconductor ...
LM4681 NSC-LM4681 Datasheet
960Kb / 19P
10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control
LM4682 NSC-LM4682 Datasheet
1Mb / 21P
10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
logo
List of Unclassifed Man...
PAM8202 ETC1-PAM8202 Datasheet
287Kb / 8P
Tiny Package 2 Watt Class-D Stereo Audio Amplifier
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Texas Instruments
TPA2000D4 TI-TPA2000D4_07 Datasheet
643Kb / 27P
STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
logo
Elite Semiconductor Mem...
AD5266 ESMT-AD5266 Datasheet
82Kb / 2P
16V STEREO CLASS-D AUDIO POWER AMPLIFIER with STEREO HEADPHONE
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com