Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACTF8065 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF8065
Description  SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF8065 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF8065 Datasheet HTML 1Page - Advanced Crystal Technology ACTF8065 Datasheet HTML 2Page - Advanced Crystal Technology ACTF8065 Datasheet HTML 3Page - Advanced Crystal Technology ACTF8065 Datasheet HTML 4Page - Advanced Crystal Technology ACTF8065 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SAW Filter
ACTF8065
892 MHz
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
892
MHz
Insertion Loss
IL
885.00 …. 909.00 MHz
--
2.0
2.5
dB
Absolute Attenuation
α
DC …. 850.00 MHz
18
22
dB
919.00 …. 929.00 MHz
20
22
dB
929.00 …. 960.00 MHz
20
26
dB
960.00 …. 2000.0 MHz
20
26
dB
Amplitude Ripple (p-p) 885.00 …. 909.00 MHz
Δα
1.0
1.5
dB
Input / Output Impedance (Nominal)
50
Ω
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com