Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACTF8065 Datasheet(PDF) 4 Page - Advanced Crystal Technology

Part # ACTF8065
Description  SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF8065 Datasheet(HTML) 4 Page - Advanced Crystal Technology

  ACTF8065 Datasheet HTML 1Page - Advanced Crystal Technology ACTF8065 Datasheet HTML 2Page - Advanced Crystal Technology ACTF8065 Datasheet HTML 3Page - Advanced Crystal Technology ACTF8065 Datasheet HTML 4Page - Advanced Crystal Technology ACTF8065 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW Filter
ACTF8065
892 MHz
Packing Information
Carrier Tape
Reel Dimensions
Outer Packing
Type
Quantity
Dimension
Description
Weight
Carton Box
10000
190×190×95
anti-static plastic bag & carton box
1 reel / bag
5 bags / box (10000 pcs)
10 bags / box (20000 pcs)
0.85
Carton Box Ⅱ
20000
190×190×190
1.80
Unit: mm
Unit: kg



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com