Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD3SS460IRNHT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS460IRNHT
Description  4 x 6 Channels USB Type-C Alternate Mode MUX
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS460IRNHT Datasheet(HTML) 7 Page - Texas Instruments

Back Button HD3SS460IRNHT Datasheet HTML 3Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 4Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 5Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 6Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 7Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 8Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 9Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 10Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
HD3SS460
www.ti.com
SLLSEM7D – JANUARY 2015 – REVISED JANUARY 2017
Product Folder Links: HD3SS460
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
7.5 Electrical Characteristics
typical values for all parameters are at VDD = 3.3 V and TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input low voltage, control pins POL,
AMSEL, EN
–0.1
0.4
V
VIH
Input high voltage, control pins
AMSEL, EN
VCC –0.4
VCC +0.1
Input high voltage, control pins POL
1.7
VCC +0.1
VIM
Input mid-level voltage, control pins
AMSEL, EN
VCC/2 –0.3
VCC/2 VCC/2 +0.3
ILK-DIFF-ACTIVE
Leakage current on active
differential IO pins, VCC = 3.6 V,
pin at 0 or 2.4 V.
1
µA
ILK-DIFF-
INACTIVE
Leakage current on inactive
differential IO pins, VCC = 3.6V, pin
at 2.4 V.
150
IIH
Input high current, control pins
POL, AMSEL, EN and signal pins
CSBU1/2, SBU1/2
1
IIL
Input low current, control pins POL,
AMSEL, EN and signal pins
CSBU1/2, SBU1/2
1
IIM
Input mid-level current, control pins
AMSEL, EN
1
IOFF
Device shutdown current
1
5
IDD
Device active current, EN=H or M
0.6
0.9
mA
RON(HS)
Switch ON resistance for high
speed differential signals
VCC = 3.3 V, VCM = 0-2 V,
IO = - 8 mA
8
14
Ω
RON(LS)
Switch ON resistance for low speed
signals
VCC = 3.3 V, VCM = 0-2 V,
IO = - 8 mA
12
RFLAT(ON,HS)
High speed differential signals’ ON
resistance flatness for a channel
(RON(MAX) – RON(MIN)) over VCM
range VCC = 3.3 V, VCM = 0-2 V,
IO = - 8 mA
1.5
CON(HS)
High speed differential signals’
input capacitance
1
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com