Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD3SS460IRNHT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS460IRNHT
Description  4 x 6 Channels USB Type-C Alternate Mode MUX
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS460IRNHT Datasheet(HTML) 1 Page - Texas Instruments

  HD3SS460IRNHT Datasheet HTML 1Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 2Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 3Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 4Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 5Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 6Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 7Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 8Page - Texas Instruments HD3SS460IRNHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
CRX1
CTX1
CRX2
CTX2
SSRX SSTX
LnA
LnB
LnC
LnD
High Speed
MUX
Switches
AMSEL
POL
Low Speed
MUX
Switches
CSBU1
SBU1
CSBU2
SBU2
VCC
GND
EN
Copyright © 2016, Texas Instruments Incorporated
HD3SS460
4-6
X-point
MUX
HD3SS460
4-6
X-point
MUX
USB Host
USB Device /
Hub
DP Source
DP Sink / MST
Hub
SS RX/TX
4/2 Ln DP
SS RX/TX
4/2 Ln DP
USB
TypeC
C_SS[RX/TX][1/2]
AUX
AUX
SBU1/2
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
HD3SS460
SLLSEM7D – JANUARY 2015 – REVISED JANUARY 2017
HD3SS460 4 x 6 Channels USB Type-C™ Alternate Mode MUX
1
1 Features
1
•
Provides MUX Solution for USB Type-CTM
Ecosystem Including Alternate Mode (AM)
•
Provides Wide Channel Selection Choices
Including USBSS and 2 Ch AM, 4 Ch AM
•
Compatible with 5 Gbps USB3.1 Gen 1 and AM
Including 5.4 Gbps DisplayPort 1.2a
•
Compatible for Source/Host and Sink/Device
Applications
•
Provides Cross-point MUX for Low Speed SBU
Pins
•
Bidirectional "Mux/De-Mux" Differential Switch
•
Supports Common Mode Voltage 0-2 V
•
Low Power with 1-μA Shutdown and 0.6 mA
Active
•
Single Supply Voltage VCC of 3.3 V ±10%
•
Industrial Temperature Range of –40 to 85°C
2 Applications
•
Flippable USB Type-CTM Ecosystem
•
Tablets, Laptops, Monitors, Phones
•
USB Host and Devices
•
Docking Stations
3 Description
The HD3SS460 is a high-speed bi-directional passive
switch in mux or demux configurations. Based on
control pin POL the device provides switching to
accommodate connector flipping. The device also
provides muxing between 2Ch Data / 2Ch Video and
all 4Ch Video based on control pin AMSEL.
The device also provides cross points MUX for low
speed
pins
as
needed
in
flippable
connector
implementation.
The HD3SS460 is a generic analog differential
passive switch that can work for any high speed
interface applications as long as it is biased at a
common mode voltage range of 0-2V and has
differential signaling with differential amplitude up to
1800mVpp. It employs an adaptive tracking that
ensures the channel remains unchanged for entire
common mode voltage range.
Excellent dynamic characteristics of the device allow
high speed switching with minimum attenuation to the
signal eye diagram with very little added jitter. It
consumes <2 mW of power when operational and
<5µW in shutdown mode, exercisable by EN pin.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
HD3SS460
QFN (RHR) (28)
3.50 mm × 5.50 mm
HD3SS460I
HD3SS460
QFN (RNH) (30)
2.50 mm × 4.50 mm
HD3SS460I
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
sp
Simplified Schematic
Application


Similar Part No. - HD3SS460IRNHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS460IRHRR TI1-HD3SS460IRHRR Datasheet
1Mb / 34P
4 x 6 Channels USB Type-C Alternate Mode MUX
HD3SS460IRHRT TI1-HD3SS460IRHRT Datasheet
1Mb / 34P
4 x 6 Channels USB Type-C Alternate Mode MUX
More results

Similar Description - HD3SS460IRNHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS460 TI-HD3SS460_15 Datasheet
1Mb / 31P
HD3SS460 4 x 6 Channels USB Type-C Alternate Mode MUX
TUSB542 TI1-TUSB542 Datasheet
1Mb / 23P
USB Type-C 5 Gbps Redriver 2:1 MUX
HD3SS460 TI1-HD3SS460 Datasheet
1Mb / 34P
4 x 6 Channels USB Type-C Alternate Mode MUX
HD3SS2522 TI1-HD3SS2522 Datasheet
1Mb / 25P
USB Type-C SS MUX
logo
Tripp Lite. All Rights ...
U444-06N-D-C TRIPPLITE-U444-06N-D-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to DVI DisplayPort Alternate Mode External Video Adapter with USB-C Charging Port
U444-06N-H4-C TRIPPLITE-U444-06N-H4-C Datasheet
513Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI DisplayPort Alternate Mode External Video Adapter with USB-C Charging Port, 4K x 2K
U444-06N-V-C TRIPPLITE-U444-06N-V-C Datasheet
512Kb / 2P
USB 3.1 Gen 1 USB-C to VGA DisplayPort Alternate Mode External Video Adapter with USB-C Charging Port
logo
Cypress Semiconductor
CYPD1120 CYPRESS-CYPD1120 Datasheet
672Kb / 24P
USB Power Delivery Alternate Mode Controller on Type-C
logo
Maxim Integrated Produc...
MAX20328 MAXIM-MAX20328 Datasheet
1Mb / 43P
MUX Switch for USB Type-C Audio Adapter Accessories
Rev 0; 3/18
logo
Diodes Incorporated
PI3EQX16621 DIODES-PI3EQX16621 Datasheet
679Kb / 1P
16Gbps, 4-Channels PCIe Mux ReDriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com