Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U3761MB-ASD Datasheet(PDF) 18 Page - TEMIC Semiconductors

Part # U3761MB-ASD
Description  Low Voltage Standard Telephone Circuit with 13 Memories
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3761MB-ASD Datasheet(HTML) 18 Page - TEMIC Semiconductors

Back Button U3761MB-ASD Datasheet HTML 14Page - TEMIC Semiconductors U3761MB-ASD Datasheet HTML 15Page - TEMIC Semiconductors U3761MB-ASD Datasheet HTML 16Page - TEMIC Semiconductors U3761MB-ASD Datasheet HTML 17Page - TEMIC Semiconductors U3761MB-ASD Datasheet HTML 18Page - TEMIC Semiconductors U3761MB-ASD Datasheet HTML 19Page - TEMIC Semiconductors U3761MB-ASD Datasheet HTML 20Page - TEMIC Semiconductors U3761MB-ASD Datasheet HTML 21Page - TEMIC Semiconductors U3761MB-ASD Datasheet HTML 22Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
U3761MB
TELEFUNKEN Semiconductors
Rev. A2, 23-Apr-97
Preliminary Information
18 (23)
DC Characteristics Dialer
VDD2 = 2.7 V, fOSC = 3.58 MHz, all outputs unloaded, S9b
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Memory rentention current
HKS = 1, VDD2 = 1.0 V
IMR
0.2
mA
Pre-emphases
Column/Row
1
2
3
dB
DTMF distortion
RL = 5 k
W
d
–30
–23
dB
DP output sink current
VPO = 0.5 V
IPL
0.5
mA
Keyboard input drive
current
VI = 0 V
IKD
30
mA
Keyboard input sink current
VI = 2.7 V
IKS
200
400
mA
Keyboard resistance
5
k
W
F1, F2, F3, E
board resistance
300
W
Mask sink / drive current
IM H/L
0.5
mA
Earth sink / drive current
Ie H/L
0.5
mA
AC Characteristics Dialer
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Keypad active in de-
bounce
tKID
20
ms
Key release debounce
tKRD
20
ms
Pre-digit pause
B/M pin = floating
10 ppS
B/M pin = low
tPDP
tPDP
40
33.3
ms
ms
Inter-digit pause
( auto dialing )
10 ppS
tIDP
800
ms
Make/break ratio
B/M pin = floating
B/M pin = low
M/B
40:60
33:67
%
%
DTMF output duration
Auto dialing, MODE = VDD
MODE = GND
tTD
87
70
ms
Inter-tone pause
Auto dialing, MODE = VDD
MODE = GND
tITP
87
140
ms
Flash break time
F1
F2
F3
C1 connected to VDD
C2 connected to VDD
C3 connected to VDD
tFB
98
250
600
ms
ms
ms
Flash pause time
F1
F2
F3
tFP
1
s
Pause time
tP
3.6
s
On Hook debounce time
tohd
150
ms
Earth time
C4 connected to VDD
tet
400
ms
Earth pause time
tpt
1
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com